Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3875 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3875
Description  DC/DC Converter IC for Charging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3875 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3875 Datasheet HTML 3Page - Fujitsu Component Limited. MB3875 Datasheet HTML 4Page - Fujitsu Component Limited. MB3875 Datasheet HTML 5Page - Fujitsu Component Limited. MB3875 Datasheet HTML 6Page - Fujitsu Component Limited. MB3875 Datasheet HTML 7Page - Fujitsu Component Limited. MB3875 Datasheet HTML 8Page - Fujitsu Component Limited. MB3875 Datasheet HTML 9Page - Fujitsu Component Limited. MB3875 Datasheet HTML 10Page - Fujitsu Component Limited. MB3875 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MB3875/MB3877
7
s
s
s
s ELECTRICAL CHARACTERISTICS
(MB3875 : Ta = +25
°C, VCC = 16 V, VCC (O) = 16 V, VREF = 0 mA)
(MB3877 : Ta = +25
°C, VCC = 19 V, VCC (O) = 19 V, VREF = 0 mA)
*: Standard design value.
(Continued)
Parameter
Symbol
Pin No.
Conditions
Value
Unit Remarks
Min.
Typ.
Max.
Output voltage
VREF
5
Ta = +25°C
4.167
4.200
4.233
V
Ta = –30°C to +85°C
4.158
4.200
4.242
V
Input stability
Line
5
VCC = 7 V to 25 V
3
10
mV
Load stability
Load
5
VREF = 0 mA to –1 mA
1
10
mV
Short-circuit
output current
IOS
5
VREF = 1 V
–25
–15
–5
mA
Threshold
voltage
VTLH
18
VCC =VCC (O),
VCC =
6.3
6.6
6.9
V
VTHL
VCC =VCC (O),
VCC =
5.3
5.6
5.9
V
Hysteresis width
VH
18
VCC =VCC (O)
0.7
1.0
1.3
V
Threshold
voltage
VTLH
5
VREF =
2.6
2.8
3.0
V
VTHL
VREF=
2.4
2.6
2.8
V
Hysteresis width
VH
5
0.05
0.20
0.35
V
Charge current
ICS
22
–1.3
–0.8
–0.5
µA
Oscillation
frequency
fOSC
20
RT = 47 k
260
290
320
kHz
Frequency tem-
perature stability
∆f/fdT
20
Ta = –30°C to +85°C
1*
%


Similar Part No. - MB3875

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3875 FUJITSU-MB3875 Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
MB3875PFV FUJITSU-MB3875PFV Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
More results

Similar Description - MB3875

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
   DC/DC Converter IC for Parallel Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com