Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK3105 Datasheet(PDF) 5 Page - NEC

Part No. 2SK3105
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3105 Datasheet(HTML) 5 Page - NEC

  2SK3105 Datasheet HTML 1Page - NEC 2SK3105 Datasheet HTML 2Page - NEC 2SK3105 Datasheet HTML 3Page - NEC 2SK3105 Datasheet HTML 4Page - NEC 2SK3105 Datasheet HTML 5Page - NEC 2SK3105 Datasheet HTML 6Page - NEC 2SK3105 Datasheet HTML 7Page - NEC 2SK3105 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D13293EJ1V0DS00
5
2SK3105
0.01
0.1
1
10
0.4
0.6
0.8
1.0
1.2
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
Qg - Gate Charge - nC
0
13
5
4
2
DYNAMIC INPUT CHARACTERISTICS
0
4
2
6
8
10
VDD = 10 V
6.0 V
ID = 2.5 A
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - S
10
1
100
1000
1
0.001
0.01
0.1
10
100
1000
Single Pulse
Without Board
Mounted on 250 mm x 35 m
Copper Pad
Connected to Drain Electrode
in 50 mm x 50 mm x 1.6 mm
FR-4 Board
µ
2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn