Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK30 Datasheet(PDF) 1 Page - NEC

Part # 2SK30
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK30 Datasheet(HTML) 1 Page - NEC

  2SK30 Datasheet HTML 1Page - NEC 2SK30 Datasheet HTML 2Page - NEC 2SK30 Datasheet HTML 3Page - NEC 2SK30 Datasheet HTML 4Page - NEC 2SK30 Datasheet HTML 5Page - NEC 2SK30 Datasheet HTML 6Page - NEC 2SK30 Datasheet HTML 7Page - NEC 2SK30 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
MOS FIELD EFFECT TRANSISTOR
2SK3058
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D13097EJ1V0DS00 (1st edition)
Date Published
April 1999 NS CP(K)
Printed in Japan
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Super Low On-State Resistance
RDS(on)1 = 17 m
Ω MAX. (VGS = 10 V, ID = 28 A)
RDS(on)2 = 27 m
Ω MAX. (VGS = 4.0 V, ID = 28 A)
• Low Ciss : Ciss = 2100 pF (TYP.)
• Built-in Gate Protection Diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage (VGS = 0)
VDSS
60
V
Gate to Source Voltage (VDS = 0)
VGSS(AC)
±20
V
Gate to Source Voltage (VDS = 0)
VGSS(DC)
+20, –10
V
Drain Current (DC)
ID(DC)
±55
A
Drain Current (Pulse)
Note1
ID(pulse)
±165
A
Total Power Dissipation (TC = 25°C)
PT
58
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to + 150
°C
Single Avalanche Current
Note2
IAS
27.5
A
Single Avalanche Energy
Note2
EAS
75.6
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1 %
2. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V
→ 0
THERMAL RESISTANCE
Channel to Case
Rth(ch-C)
2.16
°C/W
Channel to Ambient
Rth(ch-A)
83.3
°C/W
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3058
TO-220AB
2SK3058-S
TO-262
2SK3058-ZJ
TO-263


Similar Part No. - 2SK30

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK30 PANASONIC-2SK30 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
logo
Toshiba Semiconductor
2SK30 TOSHIBA-2SK30 Datasheet
252Kb / 6P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SK30 SANYO-2SK30 Datasheet
70Kb / 3P
   Low-Frequency Amp Applications?
logo
Hitachi Semiconductor
2SK30 HITACHI-2SK30 Datasheet
52Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Sony Corporation
2SK300 SONY-2SK300 Datasheet
82Kb / 2P
   2SK300
More results

Similar Description - 2SK30

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com