Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK30 Datasheet(PDF) 3 Page - NEC

Part # 2SK30
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK30 Datasheet(HTML) 3 Page - NEC

  2SK30 Datasheet HTML 1Page - NEC 2SK30 Datasheet HTML 2Page - NEC 2SK30 Datasheet HTML 3Page - NEC 2SK30 Datasheet HTML 4Page - NEC 2SK30 Datasheet HTML 5Page - NEC 2SK30 Datasheet HTML 6Page - NEC 2SK30 Datasheet HTML 7Page - NEC 2SK30 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13097EJ1V0DS00
3
2SK3058
TYPICAL CHARACTERISTICS (TA = 25 °C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature -
°C
0
20
40
60
80
100
120
140
160
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
20
40
60
80
100
120
140
160
70
60
50
40
30
20
10
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
1
0.1
10
100
1000
1
10
100
TC = 25˚C
Single Pulse
R
DS(on)
Limited
(V
GS
=
10V)
P
W =
10
µ
s
100
µ
s
1 ms
10
ms
100
ms
DC
Po
wer
Dissipation
Limited
ID(DC) = 55A
ID(pulse) = 165A
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
2
3
4
80
100
1
Pulsed
VGS = 10 V
VGS = 4.0 V
60
40
20
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
0.1
1
10
100
01
2
3
4
5
Pulsed
VDS = 10 V
TA = 125˚C
75˚C
25˚C
−25˚C


Similar Part No. - 2SK30

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK30 PANASONIC-2SK30 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
logo
Toshiba Semiconductor
2SK30 TOSHIBA-2SK30 Datasheet
252Kb / 6P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SK30 SANYO-2SK30 Datasheet
70Kb / 3P
   Low-Frequency Amp Applications?
logo
Hitachi Semiconductor
2SK30 HITACHI-2SK30 Datasheet
52Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Sony Corporation
2SK300 SONY-2SK300 Datasheet
82Kb / 2P
   2SK300
More results

Similar Description - 2SK30

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com