Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3873 Datasheet(PDF) 13 Page - Fujitsu Component Limited.

Part # MB3873
Description  Multi-Resonance AC/DC Converter IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3873 Datasheet(HTML) 13 Page - Fujitsu Component Limited.

Back Button MB3873 Datasheet HTML 9Page - Fujitsu Component Limited. MB3873 Datasheet HTML 10Page - Fujitsu Component Limited. MB3873 Datasheet HTML 11Page - Fujitsu Component Limited. MB3873 Datasheet HTML 12Page - Fujitsu Component Limited. MB3873 Datasheet HTML 13Page - Fujitsu Component Limited. MB3873 Datasheet HTML 14Page - Fujitsu Component Limited. MB3873 Datasheet HTML 15Page - Fujitsu Component Limited. MB3873 Datasheet HTML 16Page - Fujitsu Component Limited. MB3873 Datasheet HTML 17Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MB3873
13
s SETTING THE SOFT START TIME
When the MB3873 is started, the soft start capacitor (Cs) connected to the CS terminal begins charging. While
the CS terminal voltage is := 0 to 1.1V, the oscillator frequency is controlled by the CS terminal voltage, thereby
controlling the output voltage.
The soft start capacitor charging current is as follows
ICS1 := 25
µA (CS pin voltage := 0 to 1.1V)
ICS2 := 2.5
µA (CS pin voltage := 1.1 to 3.1V (CS pin clamp voltage))
Soft start time (time until CS pin voltage reaches 1.1V)
s SETTNG THE OVERLOAD DETECTION DELAY TIME
When an overload condition is detected, the delay capacitor (CD) connected to the CD terminal starts charging
( := 10
µA), increasing the CD terminal voltage.
When the CD terminal voltage exceeds the threshold voltage ( := 4V), the error detection latch is set, and the
VREF terminal (pin 10) and OUT terminal (pin 8) are set to “L” level.
Overload detection delay time (time from overload detection until error latch is set)
tCS [s] :=
1.2
× CS [µF]
25 [
µA]
tCS [s] :=
3.9
× CD [µF]
10 [
µA]


Similar Part No. - MB3873

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3871PFV-G-BND FUJITSU-MB3871PFV-G-BND Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
   DC/DC Converter IC for Parallel Charging
More results

Similar Description - MB3873

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
   PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
BM2P10XXJ-Z ROHM-BM2P10XXJ-Z Datasheet
1Mb / 31P
   AC/DC Converter Built-in Switching MOSFET PWM-type DC/DC Converter IC
18.Apr.2022 Rev.001
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
   The PWM control IC for AC-DC converter
logo
List of Unclassifed Man...
TK11815M ETC-TK11815M Datasheet
11Kb / 1P
   DC-DC CONVERTER IC
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
logo
Sanyo Semicon Device
LV5071M SANYO-LV5071M Datasheet
195Kb / 9P
   DC/DC Converter IC
LV5072M SANYO-LV5072M Datasheet
218Kb / 9P
   DC/DC Converter IC
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com