Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN1301 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. RN1301
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN1301 Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1301~RN1306
2010-04-06
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
Collector cut-off current
RN1301 to 1306
ICEO
VCE = 50V, IB = 0
500
nA
RN1301
0.82
1.52
RN1302
0.38
0.71
RN1303
0.17
0.33
RN1304
VEB = 10V, IC = 0
0.082
0.15
RN1305
0.078
0.145
Emitter cut-off current
RN1306
IEBO
VEB = 5V, IC = 0
0.074
0.138
mA
RN1301
30
RN1302
50
RN1303
70
RN1304
80
RN1305
80
DC current gain
RN1306
hFE
VCE = 5V, IC = 10mA
80
Collector-emitter
saturation voltage
RN1301 to 1306
VCE (sat)
IC = 5mA,
IB = 0.25mA
0.1
0.3
V
RN1301
1.1
2.0
RN1302
1.2
2.4
RN1303
1.3
3.0
RN1304
1.5
5.0
RN1305
0.6
1.1
Input voltage (ON)
RN1306
VI (ON)
VCE = 0.2V, IC = 5mA
0.7
1.3
V
RN1301 to 1304
1.0
1.5
Input voltage (OFF)
RN1305, 1306
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
0.8
V
Transition frequency
RN1301 to 1306
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output
capacitance
RN1301 to 1306
Cob
VCB = 10V, IE = 0,
f = 1MHz
3
6
pF
RN1301
3.29
4.7
6.11
RN1302
7
10
13
RN1303
15.4
22
28.6
RN1304
32.9
47
61.1
RN1305
1.54
2.2
2.86
Input resistor
RN1306
R1
3.29
4.7
6.11
kΩ
RN1301 to 1304
0.9
1.0
1.1
RN1305
0.0421 0.0468 0.0515
Resistor ratio
RN1306
R1/R2
0.09
0.1
0.11


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn