Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM1E48AA100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM1E48AA100
Description  Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RM1E48AA100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM1E48AA100 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM1E48AA100 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM1E48AA100 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM1E48AA100 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
RM1E
Heatsink Dimensions (load current versus ambient temperature)
With the output fully ON (360
° conduction angle)
RM1E..25
TA
Ambient temp. [
°C]
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
3.23
2.80
2.37
1.94
1.51
1.09
23
3.70
3.21
2.73
2.24
1.75
1.26
21
4.30
3.74
3.17
2.61
2.05
1.49
18
5.07
4.41
3.76
3.10
2.44
1.78
15
6.12
5.33
4.54
3.75
2.96
2.17
13
7.58
6.61
5.64
4.66
3.69
2.72
10
9.80
8.55
7.30
6.05
4.80
3.55
8
13.5
11.80 10.09
8.37
6.66
4.94
6
-
18.3
15.7
13.04 10.39
7.74
4
-
-
---
7
2
20
30
40
50
60
70
RM1E..50
TA
Ambient temp. [
°C]
50.0
45.0
40.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
1.25
1.07
0.88
0.70
0.52
0.34
55
1.46
1.25
1.04
0.84
0.63
0.42
48
1.73
1.49
1.25
1.01
0.77
0.52
41
2.08
1.80
1.51
1.23
0.94
0.66
35
2.56
2.22
1.87
1.53
1.18
0.84
29
3.24
2.81
2.38
1.95
1.52
1.09
23
4.26
3.71
3.15
2.59
2.03
1.47
18
5.99
5.22
4.45
3.67
2.90
2.12
13
9.49
8.27
7.06
5.85
4.64
3.43
8
-
17.5
15.0
12.4
9.91
7.39
4
20
30
40
50
60
70
RM1E..100
TA
Ambient temp. [
°C]
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
0.60
0.52
0.43
0.34
0.26
0.17
117
0.74
0.64
0.54
0.44
0.34
0.24
101
0.91
0.79
0.68
0.56
0.45
0.33
87
1.09
0.96
0.82
0.68
0.55
0.41
73
1.33
1.16
1.00
0.83
0.66
0.50
60
1.66
1.45
1.24
1.04
0.83
0.62
48
2.16
1.89
1.62
1.35
1.08
0.81
37
3.01
2.64
2.26
1.88
1.51
1.13
27
4.73
4.14
3.55
2.96
2.37
1.78
17
9.94
8.70
7.45
6.21
4.97
3.73
8
20
30
40
50
60
70
Operating temperature
-20° to +70°C
(4˚ to +158 ˚F)
Storage temperature
-20° to +100°C (-4˚ to +212 ˚F)
Junction temperature
≤125°C
(257 ˚F)
Thermal Specifications
Isolation
Rated isolation voltage
Input to output
≥ 4000 Vrms
Output to case
≥ 4000 Vrms
RM1.60..50
0.99
0.81
0.63
0.44
0.26
0.08
1.28
1.07
0.86
0.65
0.44
0.23
1.64
1.40
1.15
0.91
0.67
0.42
2.11
1.82
1.54
1.25
0.96
0.67
2.60
2.25
1.90
1.55
1.20
0.85
3.30
2.86
2.43
1.99
1.55
1.11
4.36
3.79
3.22
2.65
2.08
1.51
6.1
5.4
4.6
3.77
2.97
2.18
9.76
8.52
7.3
6.0
4.8
3.54
--
--
15.47 12.85 10.24
7.6
50.0
45.0
40.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
Load
current [A]
Thermal resistance
[K/W]
TA
Ambient temp. [
°C]
Power
dissipation [W]
55
48
41
35
29
23
18
13
8
4
20
30
40
50
60
70


Similar Part No. - RM1E48AA100

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM1 SANKEN-RM1 Datasheet
20Kb / 1P
   Rectifier Diodes
RM1 SANKEN-RM1 Datasheet
221Kb / 3P
   Silicon Diode
logo
Mitsubishi Electric Sem...
RM10 MITSUBISHI-RM10 Datasheet
28Kb / 2P
   Three-Phase Diode Bridge Modules
logo
Sanken electric
RM10 SANKEN-RM10 Datasheet
20Kb / 1P
   Rectifier Diodes
logo
EIC discrete Semiconduc...
RM10 EIC-RM10 Datasheet
39Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - RM1E48AA100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS, Standard Range
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
SWT862030 CELDUC-SWT862030 Datasheet
158Kb / 3P
   Three Phase Solid State Relays
logo
Powersem GmbH
PSB1SJDA481000 POWERSEM-PSB1SJDA481000 Datasheet
125Kb / 2P
   Single Phase Solid State Relays
PSB20A1212528 POWERSEM-PSB20A1212528 Datasheet
104Kb / 2P
   Single Phase Solid State Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com