Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4559 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RC4559
Description  Dual High-Gain Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4559 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RC4559 Datasheet HTML 1Page - Fairchild Semiconductor RC4559 Datasheet HTML 2Page - Fairchild Semiconductor RC4559 Datasheet HTML 3Page - Fairchild Semiconductor RC4559 Datasheet HTML 4Page - Fairchild Semiconductor RC4559 Datasheet HTML 5Page - Fairchild Semiconductor RC4559 Datasheet HTML 6Page - Fairchild Semiconductor RC4559 Datasheet HTML 7Page - Fairchild Semiconductor RC4559 Datasheet HTML 8Page - Fairchild Semiconductor RC4559 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RC4559
PRODUCT SPECIFICATION
5
Typical Performance Characteristics (continued)
Figure 7. Output Voltage SWing vs. Supply Voltage
Figure 8. Output Voltage Swing vs. Load Resistance
Figure 9. Output Voltage Swing vs. Frequency
Figure 10. Quiescent Current vs. Supply Voltage
Figure 11. Transient Response Output
Figure 12. Follower Large Signal Pulse Response
Voltage vs. Time
Output Voltage vs. Time
+VS/-VS (V)
15
10
5
0
-5
-10
-15
±4
±6
±8
±10
±12
±14
±16
±18
T = +25 C
A
R = 2 k
L
W
RL (kW)
28
26
24
22
20
18
16
14
12
10
8
0.1
1.0
10
V =
15V
T = +25 C
S
A
F (Hz)
40
36
32
28
24
20
16
12
8
4
0
100
1K
10K
100K
1M
V = 15V
T = +25 C
R = 2 k
W
S
A
L
+VS/-VS (V)
5
4
3
2
1
0
T = +25 C
A
0
±3
±6
±9
±12
±15
±18
Time (
µS)
28
24
20
16
12
8
4
0
90%
10% Rise Time
0
0.25
0.50
0.75
1.00
1.25
V =
15V
T = +25 C
R = 2 k
C = 100 pF
S
A
L
L
W
Time (
µS)
10
8
6
4
2
0
-2
-4
-6
-8
-10
0
10203040
V =
15V
T = +25 C
S
A
Output
Input


Similar Part No. - RC4559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4559 TI-RC4559 Datasheet
29Kb / 3P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559 TI1-RC4559 Datasheet
365Kb / 10P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559D TI-RC4559D Datasheet
29Kb / 3P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559D TI1-RC4559D Datasheet
365Kb / 10P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
RC4559DE4 TI1-RC4559DE4 Datasheet
365Kb / 10P
[Old version datasheet]   DUAL HIGH-PERFORMANCE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4559

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4558 FAIRCHILD-RC4558 Datasheet
68Kb / 10P
   Dual High-Gain Operational Amplifier
logo
National Semiconductor ...
LH0020 NSC-LH0020 Datasheet
66Kb / 3P
   HIGH GAIN OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-06 AD-OP-06_15 Datasheet
2Mb / 8P
   HIGH GAIN INSTRUMENTATION OPERATIONAL AMPLIFIER
OP-06 AD-OP-06 Datasheet
230Kb / 5P
   High-Gain Instrumentation Operational Amplifier
OP06 AD-OP06_15 Datasheet
234Kb / 5P
   High Gain Instumentation Operational Amplifier
OP06GJ AD-OP06GJ Datasheet
233Kb / 5P
   High-Gain Instrumentation Operational Amplifier
OP06BJ AD-OP06BJ Datasheet
233Kb / 5P
   High-Gain Instrumentation Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com