Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM87 Datasheet(PDF) 3 Page - Altech corporation

Part # RM87
Description  Miniature Electromagnetic Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM87 Datasheet(HTML) 3 Page - Altech corporation

  RM87 Datasheet HTML 1Page - Altech corporation RM87 Datasheet HTML 2Page - Altech corporation RM87 Datasheet HTML 3Page - Altech corporation RM87 Datasheet HTML 4Page - Altech corporation RM87 Datasheet HTML 5Page - Altech corporation RM87 Datasheet HTML 6Page - Altech corporation RM87 Datasheet HTML 7Page - Altech corporation RM87 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
78
RM84 / RM85 / RM87
Miniature Electromagnetic Relays
DATA SUBJECT TO CHANGE WITHOUT NOTICE
RM85 terminals are doubled for each contact.
Both terminals are to be used while connecting to load.
Description of Fig. 4.2 and 5.2
AC1
DC1
In= 16 A
N - electrical life
at AC1
14 (8)
14 (8)
11 (7)
11 (7)
12 (6)
A1 (1)
A1 (1)
24 (5)
24 (5)
21 (4)
21 (4)
22 (3)
A2 (2)
A2 (2)
22(3); 21(4); 24(5);
12(6); 11(7); 14(8)
A1(1); A2(2)
Terminal (pin)
Drilling hole:
• for relays
• for sockets
Ø 1. 3 + 0.1 mm
Ø 1. 5 + 0.1 mm
[mm]
Ø 0.6
0. 5 x 0.9
5
15
2.5
5
29
SPDT
SPST (1NO)
RM85
LOAD CHARTS
CONNECTION DIAGRAM
DIMENSIONS
E105728


Similar Part No. - RM87

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RM8 SUMIDA-RM8 Datasheet
153Kb / 1P
   Automotive HID Transformer
logo
Tyco Electronics
RM8 MACOM-RM8 Datasheet
186Kb / 3P
   Power Relay
logo
TE Connectivity Ltd
RM8 TEC-RM8 Datasheet
293Kb / 3P
   Mechanical indicator
logo
Ferroxcube Internationa...
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM8-3C81 FERROXCUBE-RM8-3C81 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM87

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
List of Unclassifed Man...
JQX-15F ETC1-JQX-15F Datasheet
217Kb / 2P
   MINIATURE HEAVY DUTY DC ELECTROMAGNETIC RELAY
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com