Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

054955 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 054955
Description  TMC-P 3W3-EP36-6.3-3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

054955 Datasheet(HTML) 1 Page - ERNI Electronics

  054955 Datasheet HTML 1Page - ERNI Electronics 054955 Datasheet HTML 2Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
124642
A
A
Leiterplattenbohrbild 144058 /
Board hole pattern 144058
(min. 2.5)
(5.9)
Index
Date
Information:
Scale
Designation
Tolerances
054955
TMC-P 3W3-EP36-6.3-3
TMC-P 3W3-EP36-6.3-3
2:1
TMCP
a
15.05.2001
I
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
M:00023004.SZN
Refer to table on page 2
Pressfit
6.3 mm
3W3
Refer to table on page 2
207=0.8
µm (30 µin) Au CONTACT, TIN/LEAD TERMINAL
ERNI
Refer to table on page 2
Refer to table on page 2
4,5
min.
6,3
3,2
3
min.
6,4
6,3
3,2
l
3,9
6,3
1,5
max
27,5 0,3
39,1 0,3
13,72
25,1
+0,2
33,3 0,2
6,3
5,8
+0,3
Schnitt A-A /
cross section A-A
Schichtaufbau im metallisierten Loch /
für Einpressbolzen Zeichnung 114109 /
for press-fit bolt drawing 114109
metal plating of plated-through hole
für Einpresskontakt Zeichnung 114110 /
for press-fit contact drawing 114110
Einpressbolzen
press-fit bolt :
Einpressbolzen / Gewindehülse
press-fit bolt / threaded sleeve :
Nietmutter /
riveted nut :
l = 3,7/5,6/6,0/6,3
Nietmutter mit Klemmteil
clamping thread :
Abstandshülse /
standoff :
Gehäuse genietet
riveted housing :
All Dimensions
in mm
www.ERNI.com
Ident-Nr. /
Polzahl /
Anschlußart /
Anschlußlänge /
Bauart /
Anforderungsstufe /
Aufdruck /
Zubehör /
Sonderausführung /
Part No. :
No. of contacts :
Terminal Type :
Terminal Length :
Type :
Class :
Logo :
Accessory :
Special :


Similar Part No. - 054955

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
054950 ERNI-054950 Datasheet
262Kb / 2P
   TMC-S 3W3-EP36-6.3-3
More results

Similar Description - 054955

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
054950 ERNI-054950 Datasheet
262Kb / 2P
   TMC-S 3W3-EP36-6.3-3
054882 ERNI-054882 Datasheet
249Kb / 1P
   TMC-S 3W3-EP36-9.0-3
054944 ERNI-054944 Datasheet
272Kb / 2P
   TMC-S 3W3-EP36-9,0-COD2-3
054981 ERNI-054981 Datasheet
252Kb / 2P
   TMC-P 3W3-LP07-3
054992 ERNI-054992 Datasheet
290Kb / 1P
   TMC-P 3WK3-EP36-6,3-3
054879 ERNI-054879 Datasheet
252Kb / 1P
   TMC-P 3W3-EP-9.0-3
054942 ERNI-054942 Datasheet
269Kb / 1P
   TMC-P 3W3-EP-9.0-COD2-3
054993 ERNI-054993 Datasheet
289Kb / 1P
   TMC-P 5W5-EP36-6,3-5
054941 ERNI-054941 Datasheet
245Kb / 2P
   TMC-S 3W3-LP07-3
054881 ERNI-054881 Datasheet
285Kb / 1P
   TMC-P 8W8-EP36-09.0-8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com