Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

054955 Datasheet(PDF) 2 Page - ERNI Electronics

Part # 054955
Description  TMC-P 3W3-EP36-6.3-3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

054955 Datasheet(HTML) 2 Page - ERNI Electronics

  054955 Datasheet HTML 1Page - ERNI Electronics 054955 Datasheet HTML 2Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D-Sub Connector High Power Pressfit Vertical Male
Assembly Height 6.3mm
3W3
Number of Pins
Accessory Termination Side: Pressfit bolt M3
Accessory Termination Side: Pressfit bolt #4-40
Accessory Mating Side: Threaded sleeve #4-40
Accessory Termination Side: Pressfit bolt
134435
124764
Accessory Mating Side: Threaded sleeve M3
Accessory Termination Side: Pressfit bolt
134499
134498
Ordering Information
Ordering Information press-in tools
Number of Pins
3W3
Upper Tool with Quick
Change Device
220058
Lower Tool
220147
www.erni.com


Similar Part No. - 054955

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
054950 ERNI-054950 Datasheet
262Kb / 2P
   TMC-S 3W3-EP36-6.3-3
More results

Similar Description - 054955

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
054950 ERNI-054950 Datasheet
262Kb / 2P
   TMC-S 3W3-EP36-6.3-3
054882 ERNI-054882 Datasheet
249Kb / 1P
   TMC-S 3W3-EP36-9.0-3
054944 ERNI-054944 Datasheet
272Kb / 2P
   TMC-S 3W3-EP36-9,0-COD2-3
054981 ERNI-054981 Datasheet
252Kb / 2P
   TMC-P 3W3-LP07-3
054992 ERNI-054992 Datasheet
290Kb / 1P
   TMC-P 3WK3-EP36-6,3-3
054879 ERNI-054879 Datasheet
252Kb / 1P
   TMC-P 3W3-EP-9.0-3
054942 ERNI-054942 Datasheet
269Kb / 1P
   TMC-P 3W3-EP-9.0-COD2-3
054993 ERNI-054993 Datasheet
289Kb / 1P
   TMC-P 5W5-EP36-6,3-5
054941 ERNI-054941 Datasheet
245Kb / 2P
   TMC-S 3W3-LP07-3
054881 ERNI-054881 Datasheet
285Kb / 1P
   TMC-P 8W8-EP36-09.0-8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com