Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM84-2012 Datasheet(PDF) 2 Page - Altech corporation

Part # RM84-2012
Description  Miniature Electromagnetic Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

RM84-2012 Datasheet(HTML) 2 Page - Altech corporation

  RM84-2012 Datasheet HTML 1Page - Altech corporation RM84-2012 Datasheet HTML 2Page - Altech corporation RM84-2012 Datasheet HTML 3Page - Altech corporation RM84-2012 Datasheet HTML 4Page - Altech corporation RM84-2012 Datasheet HTML 5Page - Altech corporation RM84-2012 Datasheet HTML 6Page - Altech corporation RM84-2012 Datasheet HTML 7Page - Altech corporation RM84-2012 Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
77
RM84 / RM85 / RM87
Miniature Electromagnetic Relays
DATA SUBJECT TO CHANGE WITHOUT NOTICE
E105728
DC1
In= 8 A
AC1
N - electrical life
at AC1
5
15
2.5
5
29
14 (8)
14 (8)
11 (7)
11 (7)
12 (6)
A1 (1)
24 (5)
24 (5)
21 (4)
21 (4)
22 (3)
A1 (1) A2 (2)
A2 (2)
22(3); 21(4); 24(5);
12(6); 11(7); 14(8)
A1(1); A2(2)
Terminal (pin)
Drilling hole:
• for relays
• for sockets
Ø 1. 3 + 0.1 mm
Ø 1. 5 + 0.1 mm
[mm]
Ø 0.6
0. 5 x 0.9
DPDT
DPST (2NO)
Description of Fig. 4.1 and 5.1
RM84
LOAD CHARTS
CONNECTION DIAGRAM
DIMENSIONS


Similar Part No. - RM84-2012

ManufacturerPart #DatasheetDescription
logo
Powerbox
RM848 POWERBOX-RM848 Datasheet
50Kb / 1P
   8 0 0 WAT T S C O M M U N I C AT I O N S
More results

Similar Description - RM84-2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMB962 ETC2-RMB962 Datasheet
302Kb / 3P
   miniature relays
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
List of Unclassifed Man...
JQX-15F ETC1-JQX-15F Datasheet
217Kb / 2P
   MINIATURE HEAVY DUTY DC ELECTROMAGNETIC RELAY
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com