Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CE-915M00-D238-V Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FAR-F5CE-915M00-D238-V
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CE-915M00-D238-V Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button FAR-F5CE-915M00-D238-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CE-915M00-D238-V Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
F5CE Series (D2 type)
s TYPICAL CHARACTERISTICS (STANDARD VERSION)
1. PDC800 (Tx)
Part number: FAR-F5CE-950M00-D230
3
2
1
S 21
log MAG
10 dB/
CENTER 0.950 000 000 GHz
SPAN 0.300 000 000 GHz
CENTER 0.950 000 000 GHz
SPAN 0.300 000 000 GHz
CENTER 0.950 000 000 GHz
SPAN 0.300 000 000 GHz
CENTER 0.950 000 000 GHz
SPAN 0.300 000 000 GHz
4
2
: −2.342 dB
0.9600 GHz
3
: −68.839 dB
0.8100 GHz
4
: −39.73 dB
1.0150 GHz
0.940 000 000 GHz
1
: −2.568 dB
CH1
C2
H1d
DO1
3
2
1
S 11
1 U FS
4
2
: 66.398 Ω
−11.027 Ω
0.9600 GHz
3
: 2.0508 Ω
−57.342 Ω
0.8100 GHz
4
: 12.441 Ω
−84.324 Ω
1.0150 GHz
0.940 000 000 GHz
1
: 52.076 Ω
14.686 pF
−11.529 Ω
CH1
C2
H1d
DO1
3
2
1
S 11
SWR
1 /
2
: 1.4082
0.9600 GHz
3
: 58.55
0.8100 GHz
4
: 15.631
1.0150 GHz
0.940 000 000 GHz
1
: 1.2585
CH1
C2
H1d
DO1
3
2
1
S 22
1 U FS
4
2
: 64.738 Ω
−8.7813 Ω
0.9600 GHz
3
: 2.3711 Ω
−56.83 Ω
0.8100 GHz
4
: 18.398 Ω
−84.547 Ω
1.0150 GHz
0.940 000 000 GHz
1
: 51.699 Ω
15.105 pF
−11.209 Ω
CH1
C2
H1d
DO1
4
REF 0 dB
REF 1


Similar Part No. - FAR-F5CE-915M00-D238-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-915M00-D238-V FUJITSU-FAR-F5CE-915M00-D238-V Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F5CE-915M00-D238-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com