Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3825 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3825
Description  6-ch DC/DC Converter IC With Synchronous Rectifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3825 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3825 Datasheet HTML 3Page - Fujitsu Component Limited. MB3825 Datasheet HTML 4Page - Fujitsu Component Limited. MB3825 Datasheet HTML 5Page - Fujitsu Component Limited. MB3825 Datasheet HTML 6Page - Fujitsu Component Limited. MB3825 Datasheet HTML 7Page - Fujitsu Component Limited. MB3825 Datasheet HTML 8Page - Fujitsu Component Limited. MB3825 Datasheet HTML 9Page - Fujitsu Component Limited. MB3825 Datasheet HTML 10Page - Fujitsu Component Limited. MB3825 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
MB3825A
7
• Enlarged view of A
38
39
45
44
40
FB1
1.5 V
+
+
+
+
+
+
+
+
+
Error
Amp.1
SCP
Comp.1
−IN(E)1
IN(C)1
FB2
−IN(E)2
1.5 V
70 mV
PWM
Comp.1-2
PWM
Comp.1-1
Drive
1-1
Drive
1-2
46
41
43
51
< CH1>
42
VCC(O)1
, 3
CB1-1
CB2-1
OUT1-1
OUT2-1
VB1
36
37
35
1.5 V
1.5 V
SCP
Comp.2
<CH2>
Drive
2
50
47
48
49
VCC(O)2
CB1-2
CB2-2
OUT1-2
VB2
Error
Amp.2
PWM
Comp.2
IN(C)2


Similar Part No. - MB3825

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3827PFV FUJITSU-MB3827PFV Datasheet
557Kb / 41P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
More results

Similar Description - MB3825

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
MB39A115 FUJITSU-MB39A115 Datasheet
495Kb / 42P
   5 ch DC/DC Converter IC with Synchronous Rectification
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3885 FUJITSU-MB3885 Datasheet
239Kb / 29P
   1-channel DC/DC Converter IC with Synchronous Rectifier
logo
Cypress Semiconductor
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
Fujitsu Component Limit...
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com