Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3827 Datasheet(PDF) 28 Page - Fujitsu Component Limited.

Part # MB3827
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3827 Datasheet(HTML) 28 Page - Fujitsu Component Limited.

Back Button MB3827 Datasheet HTML 24Page - Fujitsu Component Limited. MB3827 Datasheet HTML 25Page - Fujitsu Component Limited. MB3827 Datasheet HTML 26Page - Fujitsu Component Limited. MB3827 Datasheet HTML 27Page - Fujitsu Component Limited. MB3827 Datasheet HTML 28Page - Fujitsu Component Limited. MB3827 Datasheet HTML 29Page - Fujitsu Component Limited. MB3827 Datasheet HTML 30Page - Fujitsu Component Limited. MB3827 Datasheet HTML 31Page - Fujitsu Component Limited. MB3827 Datasheet HTML 32Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
MB3827
28
s SAMPLE POWER SUPPLY USING SELF-POWER SUPPLY (Channel 7)
The MB3827 has a built-in self-supply channel (channel 7), capable of supplying the IC with power through
transformer winding, with low input voltage (Vin
≥ 1.8V) drive capability. Following figure shows a sample of a
power supply using the transformer.
Note: The following settings are shown in “APPLICATION EXAMPLE”.
• VSS(0) is Vin
−1.6V, from the voltage offset between −IN7-1 and −IN7-2.
• VCC and VCC(0) are set at the winding that produces Vin +1.6V.
• VG(0) is set at the winding that produces 8V.
Note that because channels 1-6 operate at Vcc
≥ 4V, Vcc and Vcc(0) must be set at the winding that produces
VIN
+ 2.2V in order to operate at VIN ≥ 1.8V.
+
5
6
8
7
H
I
H
I
2
1
FB7
10 k
OUT7
VSS (O)
VG (O)
RB7
Vin
VCC
VCC (O)
Error
Amp.7
Voffset
1.6 V
−IN7−1
−IN7−2
+IN7


Similar Part No. - MB3827

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
More results

Similar Description - MB3827

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com