Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3827 Datasheet(PDF) 21 Page - Fujitsu Component Limited.

Part # MB3827
Description  6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3827 Datasheet(HTML) 21 Page - Fujitsu Component Limited.

Back Button MB3827 Datasheet HTML 17Page - Fujitsu Component Limited. MB3827 Datasheet HTML 18Page - Fujitsu Component Limited. MB3827 Datasheet HTML 19Page - Fujitsu Component Limited. MB3827 Datasheet HTML 20Page - Fujitsu Component Limited. MB3827 Datasheet HTML 21Page - Fujitsu Component Limited. MB3827 Datasheet HTML 22Page - Fujitsu Component Limited. MB3827 Datasheet HTML 23Page - Fujitsu Component Limited. MB3827 Datasheet HTML 24Page - Fujitsu Component Limited. MB3827 Datasheet HTML 25Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MB3827
21
2.
Channel Control Function
Channel on and off levels are dependent on the voltage levels of the CTL1-4,7 terminal (pin 27), XENB1-6
terminal (pin 4), CTL5 terminal (pin 28), and CTL6 terminal (pin 29).
Each Channel On/Off Setting Conditions.
Note: When the RB1 pin is connected to the VREF pin, the OUT1-3 and OUT1-4 pins are held at “L” level.
X : Don’t care.
3.
Protective Functions
(1) Timer-latch short protection circuit
The short detection comparator in each channel detects the output voltage level, and when any channel output
voltage falls below the short detection voltage, or the
−IN(C)8 terminal (pin 23) voltage falls below the reference
voltage, the timer circuit starts operating and the capacitor CSCP connected to the CSCP terminal (pin 31) starts
charging.
When the capacitor voltage reaches approximately 0.68 V, the output transistor is turned off and the dead time
becomes 100%.
When actuated, this protection circuit can be reset by turning on the power supply again.(See “METHOD OF
SETTING TIME CONSTANT FOR TIMER-LATCH SHORT PROTECTION CIRCUIT”.)
(2) Under voltage lockout protection circuit
A transient state at power-on or a momentary drop of the power supply voltage causes the control IC to mal-
function, resulting in system breakdown or system deterioration. Malfunction like the above-mentioned will be
prevented, by detecting the internal reference voltage with respect to the power supply voltage, this protection
circuit resets the latch circuit to turn off the output transistor and set the duty (OFF) = 100 %, while at the same
time holding the CSCP terminal (pin 31) at the “L”. The reset is cleared when the power supply voltage becomes
greater than or equal to the threshold voltage level of this protection circuit.
Voltage level of CTL pin
Channel on/off setting conditions
CTL1-4,7
XENB1-6
CTL5
CTL6
Power CH7
CH1 to 4
CH5
CH6
L
X
X
X
OFF (standby state)
H
HX
X
ON
OFF
ON
OFF
L
L
L
ON
HON
H
L
OFF
OFF
HON


Similar Part No. - MB3827

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3821PFV FUJITSU-MB3821PFV Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
MB3825 FUJITSU-MB3825 Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825A FUJITSU-MB3825A Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
MB3825APFV FUJITSU-MB3825APFV Datasheet
465Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectifier
More results

Similar Description - MB3827

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
   6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
   6 ch DC/DC Converter IC with Synchronous Rectification
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
   Synchronous rectification Step-up DC/DC converter for middle phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com