Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE-1G8800-L2XA-U Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FAR-F6CE-1G8800-L2XA-U
Description  Piezoelectric SAW BPF (1000 to 2500 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE-1G8800-L2XA-U Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FAR-F6CE-1G8800-L2XA-U Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE-1G8800-L2XA-U Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DS04-23110-5E
FUJITSU MEDIA DEVICE
DATA SHEET
ASSP Mobile Communication Systems
Piezoelectric SAW BPF
(1000 to 2500 MHz)
F6 Series (L2 type)
s
s
s
s DESCRIPTION
The F6 series of SAW band pass filters apply to the frequency range 1000 to 2500 MHz.
The SAW filters are fabricated on a lithium tantalate (LiTaO3) substrate, producing filters with a wide frequency
bandwidth, low insertion loss in passband and superior stability due to the high electromechanical coupling
coefficient of the material.
Fujitsu’s leading techniques for making filter pattern designs realized this high frequency filter.
The F6 series filters are housed in a small surface mount package. Moreover, the impedance in the passband is
50
Ω, and so applications require no external matching circuits.
The F6 series SAW filters are suitable for interstage RF filter in mobile communications systems in the sub
microwave frequency band. Standard devices are available for PCS, DCS1800, and 2.4 GHz wireless LAN
systems.
s
s
s
s FEATURES
• High frequency filters
• Low insertion loss
• Ultra compact and light package (3.0 mm
× 3.0 mm)
• External matching circuits are not required.
• Surface mount package (SMT)
• Wide variety of standard devices for worldwide mobile communication systems
s
s
s
s PACKAGE


Similar Part No. - FAR-F6CE-1G8800-L2XA-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE-1G8800-L2XA-U FUJITSU-FAR-F6CE-1G8800-L2XA-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6CE-1G8800-L2XA-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
   SAW Filter 2500 MHz
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
   2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com