Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDQT3V3U-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQT3V3U-HF
Description  SMD ESD Protection Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQT3V3U-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQT3V3U-HF Datasheet HTML 1Page - Comchip Technology CPDQT3V3U-HF Datasheet HTML 2Page - Comchip Technology CPDQT3V3U-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPDQT3V3U-HF Thru. CPDQT12V0U-HF
Page 1
QW-JP039
REV:A
Comchip Technology CO., LTD.
RoHS Device
Maximum Rating (TA=25°C unless otherwise Specifed)
Company reserves the right to improve product design , functions and reliability without notice.
kV
mW
150
VESD
PD
°C
-55 to +150
-55 to +150
TJ
Junction temperature range
Total power dissipation on FR-5 board @TA=25°C (Note 1)
Parameter
Symbol
Value
Unit
ESD per IEC 61000-4-2(Air)
ESD per IEC 61000-4-2(Contact)
Storage temperature range
TSTG
±8
±15
°C
260 (10 sec.)
TL
Lead Soldering Temperature - Maximum (10 second duration)
°C
Halogen Free
Electrical Characteristics (TA=25°C unless otherwise noted, VF=0.9V Max.@ IF=10mA for all types)
CPDQT3V3U-HF
CPDQT5V0U-HF
CPDQT12V0U-HF
Part No.
Max.
3.3
5.0
12
Min.
5.0
6.2
13.3
1
1
1
10.4
12.3
23.7
Max.
5.9
9.8
Max.
2.5
1.0
1.0
Typ.
80
65
30
8.7
Mechanical data
- Case: 0402/SOD-882 small outline plastic package.
- Terminals: Matte tin plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- IEC61000-4-2 Level 4 ESD protection.
- ESD Rating of Class 3 per Human Body Mode.
- Response Time is Typically <1ns
Features
Circuit Diagram
- Low Leakage
CATHODE
1
2
ANODE
Typ.
102
107
140
Max.
IR (uA)
@VRWM
Dimensions in inches and (millimeter)
0402/SOD-882
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.021(0.54)
0.015(0.37)
0.013(0.33)
0.012(0.30)
0.008(0.20)
0.017(0.44)
0.008(0.20)
0.015(0.37)
Max.
VRWN
(V)
IT
(mA)
IPP
(A)
(Note 3)
VBR (V)
@IT
(Note 2)
VC (V)
@Max IPP
(Note 3)
PPK
(8*20µs)
(W)
CJ
(pF)
Notes: 1. Other voltage available upon request.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C
3. Surge current waveform per Figure 3.
SMD ESD Protection Diode
Notes: 1. FR-5=1.0*0.75*0.62 in.


Similar Part No. - CPDQT3V3U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
   SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF_15 Datasheet
559Kb / 3P
   SMD ESD Protection Diode
More results

Similar Description - CPDQT3V3U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com