Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SWIV-QTBW Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. SWIV-QTBW
Description  Use to mount gauges on Ralston Instruments model APGV, HPGV, XHGV hand pumps
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

SWIV-QTBW Datasheet(HTML) 1 Page - Ralston Instruments.

  SWIV-QTBW Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SWIV-QTBW
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
SWIV-QTBW
Male Quick-test swivel, brass
Use to mount gauges on Ralston Instruments
model APGV, HPGV, XHGV hand pumps
Features
• Swivels allow the user to easily switch gauges on a single
hand pump
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
Male Quick-test
End C2
Gauge Swivel
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Brass
Seal materials
Buna-N
Dimensions A
2.04 in (5.18 cm)
Dimensions B
0.56 in (1.42 cm)


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn