Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPEG1KZXE00040G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPEG1KZXE00040G
Description  CWDM Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KZXE00040G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPEG1KZXE00040G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KZXE00040G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KZXE00040G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KZXE00040G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KZXE00040G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KZXE00040G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S0143, Rev.03. (web) 2013-05-17
TRPEG1-G MR CWDM
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Operating Case Temperature1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Supply Voltage
V
CC
0
+ 4.5
V
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Pb
The TRPEG1-G MR CWDM SFP series of multi-rate fiber optic transceivers
with integrated digital diagnostics monitoring functionality provide
a quick and reliable interface for 1000BASE-LX Gigabit Ethernet and
1.062GBd Fibre Channel applications. The transceivers are designed to
support data rates ranging from 1.25Gb/s down to 125Mb/s. Diagnostics
monitoring functionality (alarm and warning features) is integrated into
the design via an I2C serial interface per the Multi-Source Agreement (MSA)
SFF-8472, Rev. 9.4.
There are eighteen center wavelengths available, from 1271nm to 1611nm.
Two optical link power budget options are offered, YX (22dB minimum)
and ZX (24dB minimum). They correspond to transmission distances of
62km and 70km respectively (assuming a total connector/splice/ CWDM
mux and demux loss of 4.5dB, allocated system penalty of 2dB and fiber
loss of 0.25dB/km). All modules satisfy Class I Laser Safety requirements in
accordance with the U.S. FDA/CDRH and international IEC-60825 standards.
The TRPEG1-G MR CWDM transceivers connect to standard 20-pad SFP
connectors for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in different
types of transceivers without removing the power supply from the host
system.
The transceivers have colored bail-type latches, which offer an easy and
convenient way to release the modules. The latch is compliant with the SFP
MSA.
The transmitter and receiver DATA interfaces are AC coupled internally. LV-
TTL Transmitter Disable control input and Loss of Signal output interfaces
are also provided.
The transceivers operate from a single +3.3V power supply over an
operating case temperature range of -5°C to +70°C (Commercial) or -5°C to
+85°C (Extended). The housing is made of metal for EMI immunity.
Product Description
Eighteen (18) Wavelength CWDM Transceivers
Lead Free Design & RoHS Compliant
Compliant to SFP MSA
Compatible with IEEE 802.3z Gigabit Ethernet
1000BASE-LX PMD Specifications
Compatible with 1.062GBd Fibre Channel 100-SM-
LC-L FC-PI Standards
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Minimum Optical Link Power Budgets of 22dB and
24dB to Support 62km and 70km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
Hot-pluggable
Features
Multi-rate Gigabit Ethernet & FibreChannel SFP
CWDM Transceivers with Digital Diagnostics


Similar Part No. - TRPEG1KZXE00040G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-G OPLINK-TRPEG1KVX-G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVXC00010G OPLINK-TRPEG1KVXC00010G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
TRPEG1KVXC00020G OPLINK-TRPEG1KVXC00020G Datasheet
328Kb / 6P
   Very Long Haul Multi-rate Gigabit Ethernet
More results

Similar Description - TRPEG1KZXE00040G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com