Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE-1G9500-L2ZR-V Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FAR-F6CE-1G9500-L2ZR-V
Description  Piezoelectric SAW BPF (700 to 1700 MHz)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE-1G9500-L2ZR-V Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE-1G9500-L2ZR-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DS04-23117-3E
FUJITSU MEDIA DEVICE
DATA SHEET
ASSP Mobile Communication Systems
Piezoelectric SAW BPF
(700 to 1700 MHz)
F5/F6 Series (K2 type)
s
s
s
s DESCRIPTION
The F5CE/F6CE-K2 series of SAW band pass filters is available in the 700-1700 MHz frequency range and exhibit
high stability by using single crystal Lithium Tantalate (LiTaO3) with a large electro-mechanical coefficient. The
F5CE/F6CE-K2 series provides low insertion loss and wide passband width by taking advantage of Fujitsu’s
unique “Ladder-type” design.
The F5CE/F6CE-K2 series is housed in a small package (3.0 mm square) contributing to a significant savings in
mounting space. This package is 40 % smaller than our F5CH-L2 series (3.8 mm square) . Typical applications
for the F5CE/F6CE-K2 series include RF interstage filter in mobile communications systems. Standard devices
are available for AMPS/TDMA/CDMA,GSM, EGSM and various Japanese standards. If higher attenuation is
preferred, our F5CE-D2 series is also recommended.
s
s
s
s FEATURES
• Low insertion loss and high stopband attenuation
• Wide pass band width
• Compact and light package (3.0 mm sq.)
• External matching circuits are not required. (50 ohms I/O)
• Surface mount package (SMT)
• Standard devices are available for mobile communication standards
(AMPS/CDMA/TDMA,GSM,EGSM,PDC800, J-CDMA, PDC 1.5 G)
s
s
s
s PACKAGE


Similar Part No. - FAR-F6CE-1G9500-L2ZR-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE-1G9500-L2ZR-V FUJITSU-FAR-F6CE-1G9500-L2ZR-V Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
More results

Similar Description - FAR-F6CE-1G9500-L2ZR-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com