Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-C4CN-11059-K10-R Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FAR-C4CN-11059-K10-R
Description  Piezoelectric Resonator (4 to 23.9 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C4CN-11059-K10-R Datasheet(HTML) 9 Page - Fujitsu Component Limited.

  FAR-C4CN-11059-K10-R Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C4CN-11059-K10-R Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
FAR Family (C4 series N type)
FUJITSU LIMITED
For further information please contact:
Japan
FUJITSU LIMITED
Corporate Global Business Support Division
Electronic Devices
KAWASAKI PLANT, 4-1-1, Kamikodanaka
Nakahara-ku, Kawasaki-shi
Kanagawa 211-88, Japan
Tel: (044) 754-3753
Fax: (044) 754-3332
North and South America
FUJITSU MICROELECTRONICS, INC.
Semiconductor Division
3545 North First Street
San Jose, CA 95134-1804, U.S.A.
Tel: (408) 922-9000
Fax: (408) 432-9044/9045
Europe
FUJITSU MIKROELEKTRONIK GmbH
Am Siebenstein 6-10
63303 Dreieich-Buchschlag
Germany
Tel: (06103) 690-0
Fax: (06103) 690-122
Asia Pacific
FUJITSU MICROELECTRONICS ASIA PTE. LIMITED
#05-08, 151 Lorong Chuan
New Tech Park
Singapore 556741
Tel: (65) 281-0770
Fax: (65) 281-0220
F9611
© FUJITSU LIMITED Printed in Japan
All Rights Reserved.
Circuit diagrams utilizing Fujitsu products are included as a
means of illustrating typical semiconductor applications. Com-
plete information sufficient for construction purposes is not nec-
essarily given.
The information contained in this document has been carefully
checked and is believed to be reliable. However, Fujitsu as-
sumes no responsibility for inaccuracies.
The information contained in this document does not convey any
license under the copyrights, patent rights or trademarks claimed
and owned by Fujitsu.
Fujitsu reserves the right to change products or specifications
without notice.
No part of this publication may be copied or reproduced in any
form or by any means, or transferred to any third party without
prior written consent of Fujitsu.
The information contained in this document are not intended for
use with equipments which require extremely high reliability
such as aerospace equipments, undersea repeaters, nuclear con-
trol systems or medical equipments for life support.


Similar Part No. - FAR-C4CN-11059-K10-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CG FUJITSU-FAR-C4CG Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M FUJITSU-FAR-C4CG-0800-M Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M02 FUJITSU-FAR-C4CG-0800-M02 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4CG-0800-M05 FUJITSU-FAR-C4CG-0800-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
More results

Similar Description - FAR-C4CN-11059-K10-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C3C FUJITSU-FAR-C3C Datasheet
73Kb / 9P
   Piezoelectric Resonator (4 to 20 MHz)
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
FAR-M2DB FUJITSU-FAR-M2DB Datasheet
65Kb / 8P
   Piezoelectric VCO (4 to 30 MHz)
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com