Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR1-5 Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # LMR1-5
Description  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMR1-5 Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button LMR1-5 Datasheet HTML 2Page - Radiometrix Ltd LMR1-5 Datasheet HTML 3Page - Radiometrix Ltd LMR1-5 Datasheet HTML 4Page - Radiometrix Ltd LMR1-5 Datasheet HTML 5Page - Radiometrix Ltd LMR1-5 Datasheet HTML 6Page - Radiometrix Ltd LMR1-5 Datasheet HTML 7Page - Radiometrix Ltd LMR1-5 Datasheet HTML 8Page - Radiometrix Ltd LMR1-5 Datasheet HTML 9Page - Radiometrix Ltd LMR1-5 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 7
Condensed specifications
Frequency
144-146MHz Amateur Radio
150.825-152.450MHz (Australian LIPD Band)
151.820-154.600MHz US Multi-Use Radio Service (MURS) band
156.525MHz Global Maritime Distress and Safety System
173.200-173.325MHz (UK Telemetry, Telecommand, Alarm)
173.20375-173.39625MHz US FCC Part 90.238 Telemetry
Other custom variants from 130 - 180MHz on any 2MHz band
Frequency stability
±1.5kHz
Channel spacing
25kHz (12.5kHz by special order)
Number of channels
16 channels controlled by parallel port
or 32 via serial UART interface
Operating temperature
-20 ºC to +70 ºC (Storage -30 ºC to +70 ºC)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Transmitter
Output power
+10dBm (10mW) ±1dB nominal (factory adjustable 1 - 25mW) and
+20dBm (100mW) ±1dB nominal (factory adjustable 25 - 100mW)
Peak deviation
±3kHz (±1.5kHz @ 12.5kHz channel spacing)
-PM version: ±4.2kHz (for 2.6V pk-pk 2100Hz)
TX on switching time
30ms from TXE transition
Modulation type
FSK (F3D)
Phase modulation (-PM version)
TX modulation bandwidth
DC – 5kHz (3V CMOS compatible)
Adjacent channel TX power
<-37dBm
TX spurious
<-40dBm (no RF output in Standby)
Supply
Voltage
3.1V – 15V (10 – 25mW)
4.1V – 15V (25 – 100mW);
Current
34mA nominal transmit (@10mW)
90mA nominal transmit (@100mW)
<8µA standby (TXE high or floating)
Inputs
data (CMOS/TTL compatible)
Size
33 x 23 x 9mm
Interface
User
10 (8) pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm
Receiver
Sensitivity
-118dBm for 12dB SINAD
S/N ratio
35dB (min), 40dB (typ) on AF output
AF bandwidth (-3dB)
4kHz
image
<-60db
Other spurious
<-70dbm
Blocking
Better than 84dB
Adjacent channel
<-60dB
LO re-radiation
-70dBm
Supply
Voltage
3.1V – 15V
Current
20mA receive
<1µA standby (RXE low)
Outputs
RSSI, audio, data (quasi DC data recovery circuit)
Size
46 x 23 x 9 mm
Interface
User
10 pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm


Similar Part No. - LMR1-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMR1-12D ETC-LMR1-12D Datasheet
452Kb / 2P
   LMR SERIES
logo
Radiometrix Ltd
LMR1-151-5 RADIOMETRIX-LMR1-151-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-151-5-12K5 RADIOMETRIX-LMR1-151-5-12K5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-173-10 RADIOMETRIX-LMR1-173-10 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMR1-173-5 RADIOMETRIX-LMR1-173-5 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMR1-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com