Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMT2-433-5 Datasheet(PDF) 7 Page - Radiometrix Ltd

Part No. LMT2-433-5
Description  UHF Narrow Band FM Low Cost multi channel
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT2-433-5 Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button LMT2-433-5 Datasheet HTML 3Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 4Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 5Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 6Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 7Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 8Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 9Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 10Page - Radiometrix Ltd LMT2-433-5 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 7
LMT2, LMR2 channels are spaced at 50kHz interval into two frequency groups. 50kHz spacing between
sequential channels minimises adjacent channel interference.
e.g. 433MHz band
Serial or Parallel
channel select
Frequency (MHz)
Serial channel select
Frequency (MHz)
16
433.875
0 (P3:P0 = HHHH)*
433.900
17
433.925
1
433.950
18
433.975
2
434.000
19
434.025
3
434.050
20
434.075
4
434.100
21
434.125
5
434.150
22
434.175
6
434.200
23
434.225
7
434.250
24
434.275
8
434.300
25
434.325
9
434.350
26
434.375
10
434.400
27
434.425
11
434.450
28
434.475
12
434.500
29
434.525
13
434.550
30
434.575
14
434.600
31
434.625
15 (P3:P0=LLLL)*
434.650
Note: Parallel select pins: H=3V, L= 0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn