Electronic Components Datasheet Search |
|
TRPEG1HYXE000K0G Datasheet(PDF) 6 Page - OPLINK Communications Inc. |
|
TRPEG1HYXE000K0G Datasheet(HTML) 6 Page - OPLINK Communications Inc. |
6 / 6 page Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu- nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc. © 2013, Oplink Communications, Inc. 6 TRPEG1-G MR CWDM S0143, Rev.03. (web) 2013-05-17 Oplink Part Number Operating Temperature Nominal Wavelength (nm) Latch Color 22dB Link Budge (62km Distance)1 24dB Link Budget (70km Distance)1 TRPEG1HYXE000L0G TRPEG1KZXE000L0G - 5°C to +85°C Extended 1271 Light Violet TRPEG1HYXE000K0G TRPEG1KZXE000K0G - 5°C to +85°C Extended 1291 Sky Blue TRPEG1HYXE000J0G TRPEG1KZXE000J0G - 5°C to +85°C Extended 1311 Dark Green TRPEG1HYXE000H0G TRPEG1KZXE000H0G - 5°C to +85°C Extended 1331 Magenta TRPEG1HYXE000G0G TRPEG1KZXE000G0G - 5°C to +85°C Extended 1351 Pink TRPEG1HYXE000F0G TRPEG1KZXE000F0G - 5°C to +85°C Extended 1371 Beige TRPEG1HYXE000D0G TRPEG1KZXE000D0G - 5°C to +85°C Extended 1391 White TRPEG1HYXE000C0G TRPEG1KZXE000C0G - 5°C to +85°C Extended 1411 Silver TRPEG1HYXE000B0G TRPEG1KZXE000B0G - 5°C to +85°C Extended 1431 Black TRPEG1HYXE000A0G TRPEG1KZXE000A0G - 5°C to +85°C Extended 1451 Lime TRPEG1HYXE00010G TRPEG1KZXE00010G - 5°C to +85°C Extended 1471 Gray TRPEG1HYXE00020G TRPEG1KZXE00020G - 5°C to +85°C Extended 1491 Violet TRPEG1HYXE00030G TRPEG1KZXE00030G - 5°C to +85°C Extended 1511 Blue TRPEG1HYXE00040G TRPEG1KZXE00040G - 5°C to +85°C Extended 1531 Green TRPEG1HYXE00050G TRPEG1KZXE00050G - 5°C to +85°C Extended 1551 Yellow TRPEG1HYXE00060G TRPEG1KZXE00060G - 5°C to +85°C Extended 1571 Orange TRPEG1HYXE00070G TRPEG1KZXE00070G - 5°C to +85°C Extended 1591 Red TRPEG1HYXE00080G TRPEG1KZXE00080G - 5°C to +85°C Extended 1611 Brown 1 The indicated transmission distance is for guidelines only, not guaranteed. It assumes a total connector/splice/CWDM mux and demux loss of 4.5dB, allocated system penalty of 2dB and fiber loss of 0.25dB/km. Longer distances can be supported if the optical link power budget is satisfied. |
Similar Part No. - TRPEG1HYXE000K0G |
|
Similar Description - TRPEG1HYXE000K0G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |