Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OISA1480PLD1125 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # OISA1480PLD1125
Description  Polarization Insensitive Fiber Isolator Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OISA1480PLD1125 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  OISA1480PLD1125 Datasheet HTML 1Page - OPLINK Communications Inc. OISA1480PLD1125 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
OISA
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
1
1
Grade
Fiber Jacket
Premium = P
A Grade = A
250μm bare fiber = 1
Wavelength
Fiber Length*
Package Type
PMD Options
Port Number
1310 nm= 1310
1480 nm= 1480
1550 nm= 1550
1585 nm= 1585
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
P1 = 1
Standard = S
Low PMD = L
Triple = T
Dual = D
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/PC = 9
MU = A
LC/APC = B
Polarization Insensitive Fiber Isolator Array
(Single Stage)
OISA Series
S0056 - R04. 20120123
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special
fiber length will be longer.


Similar Part No. - OISA1480PLD1125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISA1480PLD11 OPLINK-OISA1480PLD11 Datasheet
283Kb / 2P
   Polarization Insensitive Fiber Isolator Array
More results

Similar Description - OISA1480PLD1125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OISA-S0056 OPLINK-OISA-S0056 Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIDA-S0052 OPLINK-OIDA-S0052 Datasheet
341Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIDA1310P0T OPLINK-OIDA1310P0T Datasheet
250Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OISA1310PST11 OPLINK-OISA1310PST11 Datasheet
283Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com