Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20333 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM20333
Description  3A Synchronous Buck Regulator with Frequency Synchronization
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20333 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM20333 Datasheet HTML 14Page - Texas Instruments LM20333 Datasheet HTML 15Page - Texas Instruments LM20333 Datasheet HTML 16Page - Texas Instruments LM20333 Datasheet HTML 17Page - Texas Instruments LM20333 Datasheet HTML 18Page - Texas Instruments LM20333 Datasheet HTML 19Page - Texas Instruments LM20333 Datasheet HTML 20Page - Texas Instruments LM20333 Datasheet HTML 21Page - Texas Instruments LM20333 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SS/TRK
VOUT1
R1
R2
EN
LM20333
External
Power Supply
VOUT2
RA =
- 1
VTO
VIH_EN
x RB
EN
VOUT1
RA
RB
LM20333
External
Power Supply
VOUT2
tSS =
0.8V x CSS
ISS
LM20333
SNVS558C – MAY 2008 – REVISED JANUARY 2009
www.ti.com
If different start up times are needed the equation shown below can be used to calculate the start up time.
(8)
As shown above, the start up time is influenced by the value of the soft-start capacitor CSS and the 4.5 µA soft-
start pin current ISS.
While the soft-start capacitor can be sized to meet many start up requirements, there are limitations to its size.
The soft-start time can never be faster than 1 ms due to the internal default 1 ms start up time. When the device
is enabled there is an approximate time interval of 50 µs when the soft-start capacitor will be discharged just
prior to the soft-start ramp. If the enable pin is rapidly pulsed or the soft-start capacitor is large there may not be
enough time for CSS to completely discharge resulting in start up times less than predicted. To aid in discharging
of soft-start capacitor during long disable periods an external 1M
Ω resistor from SS/TRK to ground can be used
without greatly affecting the start up time.
USING PRECISION ENABLE AND POWER GOOD
The precision enable (EN) and power good (PGOOD) pins of the LM20333 can be used to address many
sequencing requirements. The turn-on of the LM20333 can be controlled with the precision enable pin by using
two external resistors as shown in Figure 29 .
Figure 29. Sequencing LM20333 with Precision Enable
The value for resistor RB can be selected by the user to control the current through the divider. Typically this
resistor will be selected to be between 10 k
Ω and 49.9 kΩ. Once the value for RB is chosen the resistor RA can
be solved using the equation below to set the desired turn-on voltage.
(9)
When designing for a specific turn-on threshold (VTO) the tolerance on the input supply, enable threshold
(VIH_EN), and external resistors need to be considered to ensure proper turn-on of the device.
The LM20333 features an open drain power good (PGOOD) pin to sequence external supplies or loads and to
provide fault detection. This pin requires an external resistor (RPG) to pull PGOOD high when the output is within
the PGOOD tolerance window. Typical values for this resistor range from 10 k
Ω to 100 kΩ.
TRACKING AN EXTERNAL SUPPLY
By using a properly chosen resistor divider network connected to the SS/TRK pin, as shown in Figure 30, the
output of the LM20333 can be configured to track an external voltage source to obtain a simultaneous or
ratiometric start up.
Figure 30. Tracking an External Supply
18
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM20333


Similar Part No. - LM20333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMH NSC-LM20333AMH Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM20333AMHE NSC-LM20333AMHE Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM20333

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com