Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20242 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM20242
Description  36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20242 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM20242_14 Datasheet HTML 7Page - Texas Instruments LM20242_14 Datasheet HTML 8Page - Texas Instruments LM20242_14 Datasheet HTML 9Page - Texas Instruments LM20242_14 Datasheet HTML 10Page - Texas Instruments LM20242_14 Datasheet HTML 11Page - Texas Instruments LM20242_14 Datasheet HTML 12Page - Texas Instruments LM20242_14 Datasheet HTML 13Page - Texas Instruments LM20242_14 Datasheet HTML 14Page - Texas Instruments LM20242_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IBOUNDARY =
(VIN ± VOUT) x D
2 x L x fSW
LM20242
www.ti.com
SNVS534D – OCTOBER 2007 – REVISED MAY 2008
PRE-BIAS STARTUP CAPABILITY
The LM20242 is in a pre-biased state when it starts up with an output voltage greater than zero. This often
occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these applications the
output can be pre-biased through parasitic conduction paths from one supply rail to another. Even though the
LM20242 is a synchronous converter, it will not pull the output low when a pre-bias condition exists. During start
up the LM20242 will not sink current until the soft-start voltage exceeds the voltage on the FB pin. Since the
device cannot sink current, it protects the load from damage that might otherwise occur if current is conducted
through the parasitic paths of the load.
POWER GOOD AND OVER VOLTAGE FAULT HANDLING
The LM20242 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn-
on the low-side FET, and pull the PGOOD pin low. The low-side FET will remain on until either the FB voltage
falls back into regulation or the zero cross detection is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be deasserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 20 µs of built in deglitch time to both rising and falling edges.
UVLO
The LM20242 has an internal under-voltage lockout protection circuit that keeps the device from switching until
the input voltage reaches 3.9V (typical). The UVLO threshold has 200 mV of hysteresis that keeps the device
from responding to power-on glitches during start up. If desired the turn-on point of the supply can be changed
by using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 13 in the
design guide.
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 170°C, the LM20242 tri-states the power FETs
and resets soft-start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
LIGHT LOAD OPERATION
The LM20242 offers increased efficiency when operating at light loads. Whenever the load current is reduced to
a point where the peak to peak inductor ripple current is greater than two times the load current, the part will
enter the diode emulation mode preventing significant negative inductor current. The point at which this occurs is
the critical conduction boundary and can be calculated by Equation 1:
(1)
Several diagrams are shown in Figure 8 illustrating continuous conduction mode (CCM), discontinuous
conduction mode, and the boundary condition.
It can be seen that in diode emulation mode, whenever the inductor current reaches zero the SW node will
become high impedance. Ringing will occur on this pin as a result of the LC tank circuit formed by the inductor
and the parasitic capacitance. If this ringing is of concern, an additional RC snubber circuit can be added from
the switch node to ground.
At very light loads, usually below 100 mA, several pulses may be skipped in between switching cycles, effectively
reducing the switching frequency and further improving light-load efficiency.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20242


Similar Part No. - LM20242_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242MH NSC-LM20242MH Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MH NSC-LM20242MH Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MHE NSC-LM20242MHE Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MHE NSC-LM20242MHE Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242MHX NSC-LM20242MHX Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Similar Description - LM20242_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143 TI1-LM20143_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com