Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STX448BS3I000P3 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # STX448BS3I000P3
Description  Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

STX448BS3I000P3 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  STX448BS3I000P3 Datasheet HTML 1Page - OPLINK Communications Inc. STX448BS3I000P3 Datasheet HTML 2Page - OPLINK Communications Inc. STX448BS3I000P3 Datasheet HTML 3Page - OPLINK Communications Inc. STX448BS3I000P3 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oplink Communications, Inc.
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature1
“I” option (SR & IR only)
V
OP
- 40
+ 85
°C
“H” option
0
+ 70
Supply Voltage
V
CC - VEE
0
+ 6.0
V
Input Voltage
V
IN - VEE
V
EE
V
CC - VEE
V
Lead Soldering Temperature & Time
-
-
260°C, 10 sec
Absolute Maximum Ratings
OC-48/STM-16 Transmitter
STX48 Series
The STX48 modules are laser transmitters designed to meet or exceed
the SONET/SDH optical interface requirements at OC-48/STM-16 (2.5
Gb/s) data rate. Many performance versions are available which are fully
compliant with Short Reach, Intermediate Reach and Long Reach specifi-
cations at 1310 nm or 1550 nm wavelength. The Short Reach version uses
uncooled Fabry Perot lasers while the Intermediate Reach version uses
uncooled DFB lasers. For the Long Reach version, uncooled DFB lasers
with internal optical isolators are used. All modules satisfy Class I Laser
Safety requirements in accordance with the US FDA/CDRH and interna-
tional IEC-825 standards.
The transmitter incorporates an Automatic Power Control (APC) circuit to
maintain the optical output power at a constant level against variations
in ambient temperature and device aging. It also features a Mode Selec-
tor input pin which selects between clocked and non-clocked operation.
In the clocked operation mode, the input DATA is resynchronized by the
input CLOCK before driving the laser diode in order to reduce output jit-
ter to a minimum. A Transmitter Disable control input is also provided.
Both the laser bias current and back-facet light output can be monitored
as well.
All STX48 transmitter modules are available in two power supply options:
single +5V and single -5 V. The DATA and CLOCK interface can either be
direct PECL/ECL or via AC coupling. The operating temperature range is
-40°C to +85°C for the Short Reach and Intermediate Reach 1310 nm ver-
sion and 0°C to +70°C for the Long Reach version. All modules are housed
in a 24-pin dual-in-line metal package with a single mode fiber pigtail,
which is terminated with ST, FC or SC connector.
Product Description
Fully compliant with SONET/SDH OC-48/ STM-16
(2.5 Gb/s) specifications
Long Reach 1310 nm & 1550 nm as well as
Intermediate Reach and Short Reach
Eye Safe (Class I Laser Safety)
Mode Selector switch between Clocked or Non-
clocked operation
-40°C to +85°C Operating Temperature
(Intermediate Reach and Short Reach)
24-pin DIP metal package
FC, ST, SC-connectorized fiber pigtails
Differential PECL DATA & CLOCK interface
Single +5 V and - 5 V supply option
Features
R04.2008.04.30


Similar Part No. - STX448BS3I000P3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
logo
Suntsu Electronics, Inc...
STX478 SUNTSU-STX478 Datasheet
540Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX478-12.800M SUNTSU-STX478-12.800M Datasheet
540Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479 SUNTSU-STX479 Datasheet
551Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479-12.800M SUNTSU-STX479-12.800M Datasheet
551Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
More results

Similar Description - STX448BS3I000P3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
logo
Festo Corporation.
537695 FESTO-537695 Datasheet
100Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
Festo Corporation.
537693 FESTO-537693 Datasheet
99Kb / 1P
   Transmitter
7/13/22
logo
ON Semiconductor
CS212 ONSEMI-CS212 Datasheet
64Kb / 8P
   Transmitter
April, 2001 - Rev. 5
logo
Festo Corporation.
537703 FESTO-537703 Datasheet
104Kb / 1P
   Transmitter
7/13/22
logo
Fuji Electric
EDS7-5I FUJI-EDS7-5I Datasheet
113Kb / 4P
   POSITION TRANSMITTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com