Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE48KE2C00040 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPE48KE2C00040
Description  Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2C00040 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPE48KE2C00040 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2C00040 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2C00040 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2C00040 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2C00040 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, Inc
2012-01-09
21737-0976, Rev.02
2
TRPE48KE2 CWDM
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Transmitter Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
0.125
-
2.67
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
1.0
-
+ 5.0
dBm
Extinction Ratio
ER
8.2
-
-
dB
Center Wavelength
1471
λ
C
1464.5
1471
1477.5
nm
1491
1484.5
1491
1497.5
1511
1504.5
1511
1517.5
1531
1524.5
1531
1537.5
1551
1544.5
1551
1557.5
1571
1564.5
1571
1577.5
1591
1584.5
1591
1597.5
1611
1604.5
1611
1617.5
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30.0
-
-
dB
Optical Rise/Fall Time (20% to 80%)
t
r , tf
-
-
0.16
ns
Relative Intensity Noise
RIN
--
-
- 117
dB/Hz
Jitter Generation
JG
-
-
0.07
UIp-p
Dispersion Penalty1
-
--
-
2.5
dB
Optical Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
1
Specified at 2000ps/nm dispersion over G.652/G.654 fiber with center wavelength range of 1464.5-1617.5nm.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate1
B
0.125
-
2.67
Gb/s
Receiver Sensitivity
(10-10 BER)1
OC-3/12/48, 2.67Gb/s
Pmin
- 31.0
-
-
dBm
Receiver Sensitivity
(10-12 BER)2
2.125Gb/s, 1.25Gb/s,
1.062Gb/s, 0.125Gb/s
Pmin
- 31.0
-
-
dBm
Maximum Input Optical Power (10 -12 BER)
Pmax
- 8.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 31.0
dBm
Decreasing Light Input
Plos-
- 45.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
μs
Decreasing Light Input
t_loss_on
2.3
-
100
LOS Hysteresis
-
0.5
1.5
6.0
dB
Wavelength of Operation
λ
1260
-
1620
nm
Receiver Reflectance
-
-
-
- 27.0
dB
1
Measured with 223-1 PRBS.
2
Measured with 27-1 PRBS.


Similar Part No. - TRPE48KE2C00040

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2C00040 OPLINK-TRPE48KE2C00040 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2C00040

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com