Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE48KE2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPE48KE2
Description  Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPE48KE2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
An Oplink Company
2012-01-09
21737-0976, Rev.02
Absolute Maximum Ratings
TRPE48KE2 CWDM
The TRPE48KE2 CWDM SFP series of multi-rate fiber optic transceivers
with digital diagnostics monitoring functionality provide a quick and
reliable interface for extended reach LR-2 applications. Diagnostics
monitoring functionality (alarm and warning features) is integrated
into the design via an I2C serial interface per the Multi-Source
Agreement (MSA) SFF-8472, Rev. 9.4.
Products under this series are compatible with SONET/SDH
standards for OC-48/STM-16 (2.488Gb/s) LR-2/L-16.2 extended
reach applications, OC-3/STM-1 (156Mb/s) and OC-12/STM-4
(622Mb/s) SR/I-1 and I-4 short reach applications; Gigabit Ethernet
LX (1.25Gb/s) applications per IEEE 802.3; and Fiber Channel 200-SM-
LC-L (2.125Gb/s) and 100-SM-LC-L (1.062Gb/s) applications per FC-PI
standards. The transceivers support data rates ranging from 2.67Gb/s
down to 125Mb/s and are available in eight (8) wavelengths: 1471nm,
1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm and 1611nm.
The higher optical link power budget of 32dB is to accommodate
the wavelength multiplexing and de-multiplexing insertion losses.
All transceivers are Class I Laser products per U.S. FDA/CDRH and
international IEC-60825 standards.
The TRPE48KE2 CWDM transceivers connect to standard 20-pad SFP
connectors for hot plug capability. This allows the system designer
to make configuration changes or maintenance by simply plugging
in different types of transceivers without removing the power supply
from the host system.
The transceivers have colored bail-type latches, which offer an easy
and convenient way to release the modules. The latch is compliant
with the SFP MSA.
The transmitter and receiver DATA interfaces are AC-coupled
internally. LV-TTL Transmitter Disable control input and Loss of Signal
(LOS) output interfaces are also provided.
The transceivers operate from a single +3.3V power supply over an
operating case temperature range of -5°C to +70°C (Commercial
Temp.) or -5°C to +85°C (Extended Temp.). The housing is made of
metal for EMI immunity.
Product Description
Distance up to 100km with Single Mode Fiber
Eight (8) Wavelength CWDM Transceivers
Compatible with SFP MSA
Compatible with SONET/SDH OC-48/STM-16
(2.488Gb/s) LR-2/L-16.2 Applications
Compatible with Gigabit Ethernet LX
Compatible with Fibre Channel 200-SM-LC-L and
100-SM-LC-L
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
APD Receiver
Optical Link Power Budget of 32dB Minimum
Eye Safe (Class I Laser Safety)
Hot-pluggable
TX Fault & Loss of Signal Outputs and TX Disable
Input
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature1
Commercial Temp.
T
OP
- 5
+ 70
°C
Extended Temp.
- 5
+ 85
Supply Voltage
V
CC
0
+ 4.5
V
Maximum Input Optical Power (30 seconds max.)
P
in,max
-
+ 3.0
dBm
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2
SFP CWDM Transceivers with Digital Diagnostics


Similar Part No. - TRPE48KE2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2C00010 OPLINK-TRPE48KE2C00010 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2C00020 OPLINK-TRPE48KE2C00020 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2C00030 OPLINK-TRPE48KE2C00030 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2C00040 OPLINK-TRPE48KE2C00040 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2C00050 OPLINK-TRPE48KE2C00050 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com