Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STX48 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # STX48
Description  Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

STX48 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  STX48 Datasheet HTML 1Page - OPLINK Communications Inc. STX48 Datasheet HTML 2Page - OPLINK Communications Inc. STX48 Datasheet HTML 3Page - OPLINK Communications Inc. STX48 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oplink Communications, Inc.
Transmitter Performance Characteristics
STX48 Series
(Over Operating Case Temperature.)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
0.05
2.5
3.0
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 10.0
- 7.0
- 3.0
dBm
- 5.0
- 3.0
0
- 2.0
0
3.0
Extinction Ratio
Phi /Plo
8.2
-
-
dB
Center Wavelength
Short Reach (SR)
λ
C
1266
1310
1360
nm
Intermediate Reach (IR)
1266
1310
1360
Long Reach (LR) 1310 nm
1280
1310
1335
Long Reach (LR) 1550 nm
1500
1550
1580
Spectral Width (RMS)
Short Reach
ΔλRMS
-
-
4.0
nm
Spectral Width (-20 dB)
Intermediate Reach & Long Reach
Δλ20
-
-
1.0
Side Mode Suppression
Ratio
Intermediate Reach & Long Reach
SMSR
30
-
-
dB
Transmitter Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU-T Recommendation G.957
Receiver Electrical Interface
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage 1
V
CC - VEE
4.75
5.0
5.25
V
Supply Current
I
-
200
300
mA
Input HIGH Voltage (DATA & CLOCK, PECL)
V
IH
V
CC - 1.165
-
V
CC - 0.880
V
Input LOW Voltage (DATA & CLOCK, PECL)
V
IL
V
CC - 1.810
-
V
CC - 1.475
V
Input Voltage (DATA & CLOCK, PECL)
V
IN
0.30
0.80
1.00
Vp-p
Input DATA & CLOCK timing
T
DC
200
-
300
ps
MODE SELECTOR
Input Voltage
Clocked
V
MSCK
V
EE
-
V
EE + 1.5
V
Non-Clocked
V
MSNCK
V
CC - 1.5
-
V
CC
V
Transmitter Disable Voltage
V
DIS
V
CC - 2.0
-
V
CC
V
Transmitter Enable Voltage
V
EN
V
EE
-
V
EE + 0.6
V
LD Bias Alarm
Output Voltage
HIGH Voltage
V
ALMH
V
CC
-
V
EE VCC
V
LOS Voltage
V
ALML
V
EE - 1.0
-
V
EE + 0.5
V
Differential Bias
Monitor Voltage
at 25
V
BM, DIF
-
100
200
mV
Decreasing Light Input
-
300
500
Differential Back Facet Monitor Voltage
V
FM,DIF
10
100
250
mV
1
For +5V single supply modules, connect VCC to +5V and VEE to 0V or GND (circuit ground). The package housing is internally connected to VEE.
For - 5V single supply modules, connect VCC to 0V or GND (circuit ground) and VEE to - 5V. The package housing is internally connected to VCC.
2
R04.2008.04.30
Related OC-48/STM-16 Transceiver & Receiver Modules
SRX-48
: Receiver without Clock Recovery (24-pin DIP)
SRC-48
: Receiver with Clock Recovery (24-pin DIP)
DTR-2488-SM
: Transceiver without Clock Recovery (industry standard 1x9 package)
DTR-2488-SM2
: Transceiver without Clock Recovery (industry standard 2x9 package)
DTC-48
: Transceiver with Clock Recovery (industry standard 2x9 package)


Similar Part No. - STX48

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
STX48-0414 OPLINK-STX48-0414 Datasheet
407Kb / 4P
   OC-48/STM-16 Transmitter
More results

Similar Description - STX48

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
logo
Festo Corporation.
537695 FESTO-537695 Datasheet
100Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
Festo Corporation.
537693 FESTO-537693 Datasheet
99Kb / 1P
   Transmitter
7/13/22
logo
ON Semiconductor
CS212 ONSEMI-CS212 Datasheet
64Kb / 8P
   Transmitter
April, 2001 - Rev. 5
logo
Festo Corporation.
537703 FESTO-537703 Datasheet
104Kb / 1P
   Transmitter
7/13/22
logo
Fuji Electric
EDS7-5I FUJI-EDS7-5I Datasheet
113Kb / 4P
   POSITION TRANSMITTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com