Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRX48 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # SRX48
Description  Receiver without Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRX48 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  SRX48 Datasheet HTML 1Page - OPLINK Communications Inc. SRX48 Datasheet HTML 2Page - OPLINK Communications Inc. SRX48 Datasheet HTML 3Page - OPLINK Communications Inc. SRX48 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
PIN
FUNCTION
PIN
FUNCTION
1
N/C (NO CONNECTION)
24
N/C (NO CONNECTION)
2
N/C (NO CONNECTION)
23
N/C (NO CONNECTION)
3
SD (SIGNAL DETECT)
22
PM- (for LR), N/C (for SR & IR)
4
GND
21
GND
5
GND
20
PM+
6
GND
19
GND
7
GND
18
V
CCA (VCC ANALOG)
8
DATA OUTPUT -
17
V
CCA (VCC ANALOG)
9
DATA OUTPUT +
16
GND
10
V
CCD (VCC DC-DC converter)
15
GND
11
GND
14
GND
12
GND (DC-DC converter)
13
GND
SRX
Ordering Information
Package Outline
SRX48
R5. 2008.04.30
4
(Dimension in inches)
Pinout Assignments
The pigtail length from the package
edge is 1.0 meter typical.
Supply Voltage
5V= 8
Temperature Range
Receivers
Wavelength
1100~1600nm PIN= R1
1100~1600nm APD= R2
Option
Pigtail FC= P1
Pigtail ST= P2
Pigtail SC= P3
Pigtail MU= P6
Pigtail LC= P9
-40 ~85˚C= I
0~70˚C= H
0
0
0
8
X
8
4


Similar Part No. - SRX48

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
logo
TDK Electronics
SRX48EM TDK-SRX48EM Datasheet
1Mb / 24P
   LLC Resonance Power Transformers
October 2019
SRX48EM TDK-SRX48EM Datasheet
354Kb / 20P
   LLC Resonance Power Transformers
September 2010
More results

Similar Description - SRX48

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com