Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBC1450U001251 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PMBC1450U001251
Description  Polarization Maintaining Beam Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PMBC1450U001251 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PMBC1450U001251 Datasheet HTML 1Page - OPLINK Communications Inc. PMBC1450U001251 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
PMBC Series
Specifications
Unit
Ultra P Grade
P Grade
A Grade
Wavelength Range
1450 ± 30
nm
1480 ± 30
1550 ± 30
Insertion Loss
≤ 0.5
≤ 0.5
≤ 0.7
dB
Wavelength Dependent Loss (WDL)
≤ 0.15
dB
Optical Return Loss
≥ 55
dB
Directivity
≥ 45
dB
Extinction Ratio
≥ 23
≥ 20
≥ 18
dB
Direction of Incident Polarization
Slow Axis
Operting Power Handling
≤ 2000
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Input Ports
Fujikura Panda, PM Fiber
Output Port
Corning SMF-28
Physical
Dimensions
P1 (with bare fiber)
5.5±0.1 (Φ) x 34.0±1 (L)
mm
P2 (with900μm loose tube)
5.5±0.1 (Φ) x 40.0±1 (L)
Applications
Performance Specificationns
Note:
* All the parameters are excluding connectors; ER is 3dB lower and after connector added
S0066 - R04. 20100604
Polarization Maintaining Beam
Combiner
PMBC Series
Oplink’s Polarization Maintaining Beam Combiner (PMBC) is based on ather-
mal platform.The technology is a lead-free packaging platform and no epoxy
in the optical path.These devices feature super high extinction ratio, very high
power handling and low insertion loss. They are designed to work as pump
combiners for EDFA, Raman amplifier systems and 40-Gbps, 100-Gbps trans-
mission system. Oplink’s patented packaging technology ensures the highest
quality and reliability.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Super High Extinction Ratio
Low Insertion Loss
Highly Stablility & Reliability
Epoxy-Free Optical Path
Compact Size
High-Power Handling
EDFA
Raman Amplifier
40-Gbps, 100-Gbps Transmission
System
Laboratory R&D


Similar Part No. - PMBC1450U001251

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMBC1450A0011 OPLINK-PMBC1450A0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMBC1450A0022 OPLINK-PMBC1450A0022 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMBC1450P0022 OPLINK-PMBC1450P0022 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
More results

Similar Description - PMBC1450U001251

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PMIH OPLINK-PMIH Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com