Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62736 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62736
Description  Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62736 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62736_14 Datasheet HTML 9Page - Texas Instruments TPS62736_14 Datasheet HTML 10Page - Texas Instruments TPS62736_14 Datasheet HTML 11Page - Texas Instruments TPS62736_14 Datasheet HTML 12Page - Texas Instruments TPS62736_14 Datasheet HTML 13Page - Texas Instruments TPS62736_14 Datasheet HTML 14Page - Texas Instruments TPS62736_14 Datasheet HTML 15Page - Texas Instruments TPS62736_14 Datasheet HTML 16Page - Texas Instruments TPS62736_14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
Series1
Series2
Series4
Series5
C017
T
A = ±40ƒC
T
A = 0ƒC
T
A = 25ƒC
T
A = 85ƒC
Test Conditions:
V
O =1.8 V ± 100 mV
L = 10 µH (Toko DFE252012C)
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
Series1
Series2
Series4
Series5
C018
T
A = 0ƒC
T
A = 25ƒC
T
A = ±40ƒC
T
A = 85ƒC
Test Conditions:
V
O = 1.3 V ± 100 mV
L = 10 µH (Toko DFE252012C)
1.285
1.290
1.295
1.300
1.305
-40
-20
0
20
40
60
80
Temperature (
SC)
Series1
Series2
Series4
C015
I
O = 1 mA
I
O = 10 mA
I
O = 50 mA
Test Conditions:
V
O =1.3 V, VIN = 3 V
L = 10 µH (Toko DFE252012C)
0
20
40
60
80
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
Series1
Series2
Series4
Series5
C016
T
A = ±40ƒC
T
A = 25ƒC
T
A = 0ƒC
T
A = 85ƒC
Test Conditions:
V
O = 2.5 V ± 100 mV
L = 10 µH (Toko DFE252012C)
1.289
1.291
1.293
1.295
1.297
1.299
1.301
1.303
0.001
0.01
0.1
1
10
100
I
OUT (mA)
Series1
Series2
Series4
Series5
C013
V
IN = 4.2 V
V
IN = 3.6 V
V
IN = 3 V
V
IN = 2.1 V
Test Conditions:
V
O = 1.3 V, TA = 25SSC
L = 10 uH (Toko DFE252012C)
1.28
1.285
1.29
1.295
1.3
1.305
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
Series1
Series2
Series4
Series5
C014
I
O = 10 mA
I
O = 45 mA
I
O = 1 mA
I
O = 0.1 mA
Test Condition:
V
O = 1.3 V, TA = 25SC
L = 10 µH (Toko DFE252012C)
TPS62736
TPS62737
www.ti.com
SLVSBO4B – OCTOBER 2012 – REVISED JULY 2013
Figure 17. Output Voltage vs Output Current, VOUT = 1.3 V
Figure 18. Output Voltage vs Input Voltage, VOUT = 1.3 V
Figure 19. Output Voltage vs Temperature, VOUT = 1.3 V
Figure 20. Maximum Output Current vs. Input Voltage
VOUT = 2.5 V
Figure 21. Maximum Output Current vs. Input Voltage,
Figure 22. Maximum Output Current vs. Input Voltage,
VOUT = 1.8 V
VOUT = 1.3 V
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62736 TPS62737


Similar Part No. - TPS62736_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
More results

Similar Description - TPS62736_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62736 TI-TPS62736 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
logo
Maxim Integrated Produc...
MAX17271 MAXIM-MAX17271 Datasheet
1Mb / 13P
   Up to 50mA/75mA/80mA Output Current
Rev 0; 2/18
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
   Buck Converter with controlled Output Current
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com