Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC812XR1I000P2 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SRC812XR1I000P2
Description  Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC812XR1I000P2 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SRC812XR1I000P2 Datasheet HTML 1Page - OPLINK Communications Inc. SRC812XR1I000P2 Datasheet HTML 2Page - OPLINK Communications Inc. SRC812XR1I000P2 Datasheet HTML 3Page - OPLINK Communications Inc. SRC812XR1I000P2 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Oplink Communications, Inc.
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Temperature
“I” option
T
OP
- 40
+ 85
°C
“H” option
0
+ 70
Operating & Storage Humidity
-
-
85
%
Supply Voltage
V
CC
0
+ 6.0
V
Lead Soldering Temperature & Time
-
-
260°C, 10 sec
Absolute Maximum Ratings
OC-12/STM-4 Receiver with
Clock Recovery
SRC12 Series
The SRC12 is a Receiver Module with internal clock recovery designed to
meet or exceed the SONET/SDH optical interface requirements at OC-12/
STM-4 (622 Mb/s) data rate. Highly reliable InGaAs/InP PIN photodiodes
are used to cover the entire long wavelength range from 1100 nm to 1550
nm.
The receiver features a low noise GaAs transimpedance IC with AGC ca-
pability to provide an extremely wide dynamic range and high sensitivity.
A Phase Lock Loop (PLL) circuit is included to perform the clock recovery
function and resampling of the data.
The SRC12 receiver requires a single +5 V supply. The DATA & CLOCKinter-
face signals are differential PECL while the SIGNAL DETECT outputs have
TTL interface.
The SRC12 module can operate over an operating temperature range of
0°C to +70°C (“H” option) or -40°C to +85°C (“I” option). It is housed in a
20-pin dual-in-line metal package with integral ST, FC or SC connector
receptacle or fiber pigtail (50 µm multimode fiber). The fiber pigtail is ter-
minated with ST, FC or SC connector.
Related OC-12/STM-4 transmitters & receivers
STX-12: 20-pin laser transmitter
SRX-12: 20-pin receiver without clock recovery (PECL SIGNAL DETECT)
SRX-12-L: 20-pin receiver without clock recovery (TTL SIGNAL DETECT)
SRC-12-S: 24-pin receiver with clock recovery
Product Description
Full compliance with SONET/SDH OC-12/
STM-4 specifications
Long Reach and Intermediate Reach
Phase-Lock-Loop (PLL) Clock Recovery
- 40°C to +85°C Operating Temperature (“I”
option)
Multi-sourced 20-pin DIP metal package
FC, ST, SC-connectorized fiber pigtails or
Integral FC, SC or ST connector receptacle
PECL DATA & CLOCK interface
TTL SIGNAL DETECT interface
Features
R5.2008.06.04


Similar Part No. - SRC812XR1I000P2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC803XR1H000P4 OPLINK-SRC803XR1H000P4 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000P5 OPLINK-SRC803XR1H000P5 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PA OPLINK-SRC803XR1H000PA Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PB OPLINK-SRC803XR1H000PB Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PC OPLINK-SRC803XR1H000PC Datasheet
660Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC812XR1I000P2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com