Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6CE-1G8200-L2TD-V Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-F6CE-1G8200-L2TD-V
Description  Piezoelectric SAW BPF (1000 to 2500 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F6CE-1G8200-L2TD-V Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-F6CE-1G8200-L2TD-V Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F6CE-1G8200-L2TD-V Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
F6 Series (L2 type)
4
s
s
s
s ELECTRICAL CHARACTERISTICS (STANDARD VERSION)
1.
GPS
Part number : FAR-F6CE-1G5754-L2UA
(Ta
= −30 °C to +85 °C)
2.
PCN (Tx)
Part number : FAR-F6CE-1G7475-L2YA
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1574.42 to 1576.42 MHz
2.7
3.5
dB
In-band deviation
1574.42 to 1576.42 MHz
0.2
1.0
dB
Absolute
stopband
attenuation
1475.42 MHz
35
37
dB
1525.42 MHz
35
50
dB
1625.42 MHz
30
38
dB
1675.42 MHz
30
35
dB
In-band VSWR
(Return loss)
1574.42 to 1576.42 MHz
(9.5)
1.4
(15.6)
2.0
(dB)
Max. input power
1574.42 to 1576.42 MHz

10
dBm
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
1710 to 1785 MHz
3.0
4.2
dB
In-band deviation
1710 to 1785 MHz
1.8
2.7
dB
Absolute
stopband
attenuation
DC to 1500 MHz
17
19
dB
1500 to 1670 MHz
20
22
dB
1805 to 1880 MHz
7
12
dB
1880 to 2200 MHz
20
23
dB
3420 to 3570 MHz
25
31
dB
5130 to 5355 MHz
15
25
dB
In-band VSWR
(Return loss)
1710 to 1785 MHz
(6.0)
2.5
(7.4)
3.0
(dB)
Max. input power
1710 to 1785 MHz

13
dBm


Similar Part No. - FAR-F6CE-1G8200-L2TD-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE-1G8200-L2TD-V FUJITSU-FAR-F6CE-1G8200-L2TD-V Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6CE-1G8200-L2TD-V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
TAI-SAW TECHNOLOGY CO.,...
TA2472A TAI-SAW-TA2472A Datasheet
801Kb / 7P
   SAW Filter 2500 MHz
logo
Fujitsu Component Limit...
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
   2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com