Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3759 Datasheet(PDF) 16 Page - Fujitsu Component Limited.

Part # MB3759
Description  Switching Regulator Controller (Switchable between push-pull and single-end functions)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3759 Datasheet(HTML) 16 Page - Fujitsu Component Limited.

Back Button MB3759 Datasheet HTML 12Page - Fujitsu Component Limited. MB3759 Datasheet HTML 13Page - Fujitsu Component Limited. MB3759 Datasheet HTML 14Page - Fujitsu Component Limited. MB3759 Datasheet HTML 15Page - Fujitsu Component Limited. MB3759 Datasheet HTML 16Page - Fujitsu Component Limited. MB3759 Datasheet HTML 17Page - Fujitsu Component Limited. MB3759 Datasheet HTML 18Page - Fujitsu Component Limited. MB3759 Datasheet HTML 19Page - Fujitsu Component Limited. MB3759 Datasheet HTML 20Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MB3759
16
• Initial limit current IL1
As the diode is reverse biased
VIO is the input offset voltage to the op-amp (-10 mV
VIO +10 mV) and this causes the variation in IL. Accordingly,
if for example the variation in IL is to be limited to
±10 %, using equation (1) and only considering the variation
in the offset voltage gives the following:
This indicates a setting of 100 mV or more is required.
• Polarity change point IL2
As this is the point where the diode becomes forward biased, it can be calculated by substituting [R4/(R3+R4)
VREF - VD] for VO in equation (where VD is the forward voltage of the diode).
• Final limit current IL3
The limit current for VO = 0 when R2 >> R1 is the point where the voltages on either side of RS and on either
side of R5 are biased.
R3//R4 is the resistance formed by R3 and R4 in parallel (R3R4/(R3 + R4)). When R3//R4 << R5, equation (2)
becomes:
In addition to determining the limit current IL3 for VO = 0, R3, R4, R5, and diode D also operate as a starter when
the power is turned on.
• Starter circuit
The figure below shows the case when the starter circuit formed by R3, R4, R5, and D is not present. The output
current IO after the operation of the current limiting circuit is:
When VO = 0 such as when the power is turned on, the output current IO = -VI O / RS and, if the offset voltage VIO
is positive, the output current is limited to being negative and therefore the output voltage does not rise.
Accordingly, if using a fallback system with a detection resistor inserted in the output, always include a starter
circuit, expect in the cases described later.
VO
>
R3
+ R4
R4
VREF
The condition for VO is:
RS IL1 =
R1 + R2
R1
VO –VIO
∴IL1 =
R1 + R2
R1
RS
VO
RS
VIO
Eq. (1) (where R2 >> R1)
R1
+ R2
R1
( VO
+ VEE )
( R2
>> R1 )
IO =
RS
1
RS
VIO
RS
VIO
IL2 =
R1 + R2
R1
RS
R4 / (R3 + R4) · VREF – VD
RS IL3 =
R3R4
+ R3R5 + R4R5
R4R5 VREF
− R3R5 VD − R4R5 VD − V
IO
(2)
RS
VIO
∴IL3 =
RS
1
(
R3
+ R4
R4
VREF
− VD ) −
1
+ (R 3 // R 4) / R5
1
Eq.
RS
VIO
IL3 C =
RS
1
(
R3 + R4
R4
VREF – VD) –
IO
=
R1
+ R2
R1
RS
VO
RS
VIO


Similar Part No. - MB3759

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759PF FUJITSU-MB3759PF Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
More results

Similar Description - MB3759

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3759 FUJITSU-MB3759_06 Datasheet
269Kb / 28P
   Switching Regulator Controller (Switchable between push-pull and single-end functions)
logo
Seiko Instruments Inc
S-8340A25AFT-T2-X SII-S-8340A25AFT-T2-X Datasheet
3Mb / 55P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540A15FN-IAAT2Z SII-S-8540A15FN-IAAT2Z Datasheet
2Mb / 36P
   SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
E-SWITCH
PP2 E-SWITCH-PP2 Datasheet
311Kb / 1P
   PUSH-PULL OR MOMENTARY FUNCTIONS
logo
Seiko Instruments Inc
S-8365AAABA-M5T1Y2 SII-S-8365AAABA-M5T1Y2 Datasheet
3Mb / 63P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355K18MC-NADT2X SII-S-8355K18MC-NADT2X Datasheet
3Mb / 72P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1 Datasheet
184Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com