Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CE-942M50-K288-W Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FAR-F5CE-942M50-K288-W
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CE-942M50-K288-W Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FAR-F5CE-942M50-K288-W Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-942M50-K288-W Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
F5CE Series (D2 type)
s RECOMMENDED OPERATING CONDITION
WARNING: Recommended operating conditions are normal operating ranges for the piezoelectric device. All the
device’s electrical characteristics are warranted when operated within these ranges.
Always use piezoelectric devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.
s STANDARD FREQUENCIES
Parameter
Symbol
Value
Unit
Min.
Max.
Operating temperature
Ta
–30
+85
°C
System
Center freq.
(MHz)
B/W
(MHz)
Part
symbol
Part number
Remarks
PDC800
Tx
950.0
20
30
FAR-F5CE-950M00-D230
Rx
820.0
20
31
FAR-F5CE-820M00-D231
AMPS
/CDMA
/TDMA
836.5
25
32
FAR-F5CE-836M50-D232
Rx
881.5
25
33
FAR-F5CE-881M50-D233
GSM/NMT
Tx
902.5
25
34
FAR-F5CE-902M50-D234
Rx
947.5
25
35
FAR-F5CE-947M50-D235
ISM900
915.0
7
38
FAR-F5CE-915M00-D238
Tx


Similar Part No. - FAR-F5CE-942M50-K288-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-942M50-K288-W FUJITSU-FAR-F5CE-942M50-K288-W Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F5CE-942M50-K288-W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com