Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB085B-90 Datasheet(PDF) 3 Page - Rohm

Part # RB085B-90
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB085B-90 Datasheet(HTML) 3 Page - Rohm

  RB085B-90 Datasheet HTML 1Page - Rohm RB085B-90 Datasheet HTML 2Page - Rohm RB085B-90 Datasheet HTML 3Page - Rohm RB085B-90 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB085B-90
0
10
20
30
0
25
50
75
100
125
150
DC
D=1/2
Sin(
180)
0
10
20
30
0
25
50
75
100
125
150
D=1/2
DC
Sin(
180)
0
5
10
15
0
5
10
15
20
D=1/2
DC
Sin(=180)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=100mA
IF=5A
300us
tim
Mounted on epoxy board
10
100
1000
110
100
t
Ifsm
TIME : t(ms)
IFSM-t CHARACTERISTICS
TIME : t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT : Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-PR CHARACTERISTICS
AMBIENT TEMPERATURE : Ta(C)
Derating Curve"(Io-Ta)
CASE TEMPARATURE:Tc(C)
Derating Curve(Io-Tc)
0
2
4
6
8
10
0
102030405060708090
Sin(180)
D=1/2
DC
T
Tj=150
C
D=t/T
t
VR
Io
VR=45V
0A
0V
T
Tj=150C
D=t/T
t
VR
Io
VR=45V
0A
0V
0
5
10
15
20
25
30
C=100pF
R=1.5k
C=200pF
R=0
AVE:5.30kV
ESD DISPERSION MAP
No break at 30kV
3/3
2011.04 - Rev.C


Similar Part No. - RB085B-90

ManufacturerPart #DatasheetDescription
logo
Rohm
RB085B-90 ROHM-RB085B-90 Datasheet
201Kb / 4P
   Schottky barrier diode
RB085B-90 ROHM-RB085B-90 Datasheet
469Kb / 4P
   Schottky Barrier Diode
RB085B-90 ROHM-RB085B-90 Datasheet
1Mb / 4P
   Schottky Barrier Diode
RB085B-90 ROHM-RB085B-90_09 Datasheet
469Kb / 4P
   Schottky Barrier Diode
RB085B-90 ROHM-RB085B-90_11 Datasheet
1Mb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB085B-90

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com