Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSOT15C Datasheet(PDF) 7 Page - Protek Devices

Part # PSOT15C
Description  500 WATT TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT15C Datasheet(HTML) 7 Page - Protek Devices

  PSOT15C Datasheet HTML 1Page - Protek Devices PSOT15C Datasheet HTML 2Page - Protek Devices PSOT15C Datasheet HTML 3Page - Protek Devices PSOT15C Datasheet HTML 4Page - Protek Devices PSOT15C Datasheet HTML 5Page - Protek Devices PSOT15C Datasheet HTML 6Page - Protek Devices PSOT15C Datasheet HTML 7Page - Protek Devices PSOT15C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05059.R12 10/12
Page 7
PSOT03 - PSOT36C
TAPE AND REEL
SPECIFICATIONS
REEL DIA.
TAPE
WIDTH
A0
B0
K0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
3.15 ± 0.10 2.77 ± 0.10 1.30 ± 0.10 1.55 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10 0.228
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Suffix - T13 = 13” Reel - 10,000 pieces per 8mm tape.
5. Marking on Part - marking code (see page 2) and date code.
Package outline, pad layout and tape specifications per document number 06012.R2 8/10.
Top Cover Tape
K0
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
t
ORDERING INFORMATION
BASE PART NUMBER
(xx = Voltage)
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
PSOTxx/PSOTxxC
-LF
-T7
3000
7”
n/a
PSOTxx/PSOTxxC
-LF
-T13
10,000
13”
n/a
This device is only available in a Lead-Free configuration.


Similar Part No. - PSOT15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT15C PROTEC-PSOT15C Datasheet
95Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT15C PROTEC-PSOT15C Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT15C PROTEC-PSOT15C Datasheet
738Kb / 8P
   500 WATT TVS ARRAY
PSOT15C PROTEC-PSOT15C Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PSOT15C-LF-T7 PROTEC-PSOT15C-LF-T7 Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
   500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_11 Datasheet
738Kb / 8P
   500 WATT TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05-LF PROTEC-SMDA05-LF Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603_12 Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603 Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_11 Datasheet
511Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com