Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRD-11DF0-110 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PRD-11DF0-110
Description  PRD Series Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PRD-11DF0-110 Datasheet(HTML) 1 Page - Tyco Electronics

  PRD-11DF0-110 Datasheet HTML 1Page - Tyco Electronics PRD-11DF0-110 Datasheet HTML 2Page - Tyco Electronics PRD-11DF0-110 Datasheet HTML 3Page - Tyco Electronics PRD-11DF0-110 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Relays
Industrial Relays
PRD Series Power Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Contact ratings (continued)
Type
Load
Cycles
UL 508 1)
Models with screws or quick connects for main terminals
Code F, AgCdO, 1 pole
50A, 240VAC, general purpose 2)
20x103
30A, 277VAC, resistive
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
Code F, AgCdO, 2 pole
50A, 240VAC, general purpose 2)
20x103
30A, 240VAC
100x103
20A, 277VAC
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
2) In order to achieve 50A rating with Contact Code F, Termination Code 0 or A is required.
Code H, Ag with magnetic blowout, 1 or 2 pole
20A, 125VDC
100x103
1/3HP, 125VDC
100x103
Code J, AgCdO with magnetic blowout, 1 or 2 pole
20A, 125VDC
100x103
1/3HP, 125VDC
100x103
Code N, W stationary with AgCdO movable, 1 or 2 pole
25A, 250VAC
100x103
1HP, 125VAC
100x103
2HP, 250VAC
100x103
UL 508 1)
Models with box lugs for main terminals
Code P, Ag, 1 form X
50A, 277VAC, general purpose
100x103
30A, 277VAC, ballast
6x103
15A, 277VAC, tungsten
6x103
102LRA, 17FLA, 240VAC
30x103
120LRA, 20FLA, 120VAC
30x103
1.5HP, 120VAC
30x103
3HP, 240VAC
30x103
Factory ratings
Models with box lugs for main terminals
Code R, Ag with magnetic blowout, 1 form X
60A, 28VDC, resistive
100x103
30A, 125VDC
100x103
Mechanical endurance
DC Coil, 1x106 ops.; AC Coil 5x105 ops.
Auxiliary Snap-Action Switch Contact Data
Contact arrangement
1 Form C (CO)
Rating
5A, 120VAC, 60 Hz., 25°C
Contact material
Ag
n
Contact ratings to 50 amps
n
Magnetic blowouts available for switching DC loads
n
Contact arrangement up to 2 form C (2CO)
n
1 Form C auxiliary switch available
n
UL class B insulation
Typical applications
Industrial controls, lighting
Approvals
UL E22575; CSA LR15734; VDE Reg.Nr.C144
Models with all screw terminals are UL Listed. Others are UL Recognized.
Technical data of approved types on request
Contact Data
Contact arrangement
1 and 2 Form A (NO); 1 and 2 Form C (CO);
1 Form X (NO-DM)
Rated voltage
600VAC,125VDC
Rated current
50A
Contact material
Ag, AgCdO, W
Min. recommended contact load
1A, 12VDC or 12VAC
Initial contact resistance
75mΩ Max
Initial voltage drop
75mV
Frequency of operation
7200 ops/hr
Operate/releases time max.
40/20ms
Bounce time max.
10ms
Contact ratings
Type
Load
Cycles
UL 508 1)
Models with screws or quick connects for main terminals
Code Y, Ag, 1 pole
25A, 277VAC
100x103
1HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
7A, 50VDC, resistive
100x103
Code Y, Ag, 2 pole
25A, 240VAC
100x103
20A, 277VAC
100x103
1HP, 120VAC
100x103
2HP, 250VAC
100x103
7A, 50VDC, resistive
100x103
10A, 600VAC
100x103
Code G, AgCdO, 1 pole
30A, 277VAC, resistive
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
Code G, AgCdO, 2 pole
30A, 240VAC
100x103
20A, 277VAC
100x103
1.5HP, 120VAC
100x103
2HP, 250VAC
100x103
10A, 600VAC
100x103
1) Any PRD relay deviating electrically or physically from the standard models in the table is
not UL or CSA listed. All horsepower ratings are for single phase motors..


Similar Part No. - PRD-11DF0-110

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
List of Unclassifed Man...
PRD10 ETC2-PRD10 Datasheet
71Kb / 1P
   10 PATCHRUNNER DOOR CUSTOMER DRAWING
logo
PANDUIT CORP.
PRD10 PANDUIT-PRD10 Datasheet
71Kb / 1P
   10 PATCHRUNNER DOOR CUSTOMER DRAWING
logo
CUI INC
PRD15 CUI-PRD15 Datasheet
840Kb / 14P
   DC-DC CONVERTER
More results

Similar Description - PRD-11DF0-110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393130-8 MACOM-2-1393130-8 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393130-9 MACOM-2-1393130-9 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-3 MACOM-2-1393127-3 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393128-0 MACOM-2-1393128-0 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393130-7 MACOM-2-1393130-7 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-6 MACOM-2-1393127-6 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-1 MACOM-2-1393127-1 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-2 MACOM-2-1393127-2 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-0 MACOM-2-1393127-0 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-5 MACOM-2-1393127-5 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com