Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRDT18-14DO-IV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PRDT18-14DO-IV
Description  Long sensing distance proximity sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRDT18-14DO-IV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PRDT18-14DO-IV Datasheet HTML 1Page - List of Unclassifed Manufacturers PRDT18-14DO-IV Datasheet HTML 2Page - List of Unclassifed Manufacturers PRDT18-14DO-IV Datasheet HTML 3Page - List of Unclassifed Manufacturers PRDT18-14DO-IV Datasheet HTML 4Page - List of Unclassifed Manufacturers PRDT18-14DO-IV Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H/34
B[ZT IRZ^VZT :V^_NZPR Jd\R
_;HE NUMBER IN A CIRCLE IS PIN NOr OF CONNECTORr
g:9 /*bV]R _d\R
d
e
-S
@fckb
@`VX_
@`iZ
2S
32I
JcVY
LM
LA
NfZgZbXZ
LcbZ
MdZfVh^cb
OZhifb
F
J
ML
MDD
PZbg^b\
hVf\Zh
JcVY
+@fckb/@`VX_,
fbY^XVhcf
+JCB,
Mihdih jc`hV\Z
+@`VX_/@`iZ,
DFD [`_\`_ _d\R
-S
JcVY
2S
32I
@fckb
@`VX_
@`iZ
LM
LA
NfZgZbXZ
LcbZ
MdZfVh^cb
OZhifb
F
J
ML
MDD
PZbg^b\
hVf\Zh
JcVY
+@`VX_/@`iZ,
fbY^XVhcf
+JCB,
Mihdih jc`hV\Z
+@`VX_/@`iZ,
FDF [`_\`_ _d\R
g:9 0*bV]R _d\R
EKJ/
EKJ.
F7.-*K
?D .
?D /
FEM;H
gNOBTJ3:/9Br
gNOBTJ3:/36Br
h:VYRZ^V[Z^
+Rb^h<aa,
h9[Z_][X [`_\`_ QVNT]NY
LM
LA
-S
2S
@fckb
@`iZ
JcVY
h9[ZZRP_V[Z^
g:9 0*bV]R _d\R
g:9 /*bV]R _d\R
-S
2S
JcVY
@fckb
@`iZ
_;HE LOAD CAN BE CONNECTED TO EITHER WIREr
+NOB3:/9BL,
+NOB3:/9BL,
= N?32/R >
I7
?DL
?DL
7D:
I8
I9
I:
J.
J/
E
Dw
E
Dw
DEHC
EHw
C
E
:
;
E
<
<
E
<
<
J?C;
7
:
@
C7:; ?D AEH;7
DEHC
DEHC
-34
ELB
GL3
MnA
MRQ3
-34
GL4
MnA
MRQ4
35
36
37
38
;32
33
34
ELB
LA
AMK
LM
789
:
34
5
6
.- .. ./ .0 .1
Xd3 Xd4 -34S 2S
56
. /012 34
= DU6 >
@`iZ
@fckb
@`VX_
322/462S?A
f
JcVY
+NOB3:/9BL,
@fckb @`iZ @`VX_
NfZgZbXZ
Lch]^b\
MdZfVh^cb
OZhifb
ML
MDD
BZhZXh^b\
hVf\Zh
JcVY
GbY^XVhcf
+JCB,
|A}
FU[_[
RXRP_]VP
^RZ^[]
|>}
IRZ^[]
P[Z_][XXR]
|C}
H[_N]d
RZP[QR]
|=}
:V^\XNd
`ZV_
|<}
JNPU[,
I\RRQ,
F`X^R
YR_R]
|;}
FNZRX
YR_R]
|B}
F]R^^`]R
^RZ^[]
|:}
F[bR]
P[Z_][XXR]
|?}
IbV_PUVZT
\[bR]
^`\\Xd
|9}
JRY\+
P[Z_][XXR]
|D}
I_R\\VZT
Y[_[] {
:]VaR] {
9[Z_][XXR]
|F}
<VRXQ
ZR_b[]W
QRaVPR
|E}
=]N\UVP
\NZRX
|7}
9[`Z_R]
|8}
JVYR]
|G}
F][Q`P_V[Z
^_[\\NTR
Y[QRX^ {
]R\XNPRYRZ_
|@}
F][cVYV_d
^RZ^[]
u4;
46
522
84
86
:709
6
MdZfVh^cb ^bY^XVhcf
u7
K3:U3
K34U3
u4;
46
522
32
86
:709
6
74
MdZfVh^cb ^bY^XVhcf
u7
K3:U3
K34U3


Similar Part No. - PRDT18-14DO-IV

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-120 MACOM-PRD-11AG0-120 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-24 MACOM-PRD-11AG0-24 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results

Similar Description - PRDT18-14DO-IV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
[Old version datasheet]   ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
[Old version datasheet]   ToF-Based Long-Range Proximity and Distance Sensor AFE
logo
Omron Electronics LLC
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
   Compact Sensor Offers Long Sensing Distance and Superior Noise-Immunity
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
   Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com