Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE7222 Datasheet(PDF) 74 Page - Texas Instruments

Part # AFE7222
Description  Analog Front End Wideband Mixed-Signal Transceiver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7222 Datasheet(HTML) 74 Page - Texas Instruments

Back Button AFE7222_14 Datasheet HTML 70Page - Texas Instruments AFE7222_14 Datasheet HTML 71Page - Texas Instruments AFE7222_14 Datasheet HTML 72Page - Texas Instruments AFE7222_14 Datasheet HTML 73Page - Texas Instruments AFE7222_14 Datasheet HTML 74Page - Texas Instruments AFE7222_14 Datasheet HTML 75Page - Texas Instruments AFE7222_14 Datasheet HTML 76Page - Texas Instruments AFE7222_14 Datasheet HTML 77Page - Texas Instruments AFE7222_14 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
B0108-03
21-Bit
Integration
Counter
Clear
58-Bit
Integrator
58-Bit
Register
9-Bit
Sync Delay
Counter
21-Bit
Interval
Counter
Transfer
Sync
Delay
(in 8 Sample
Increments)
Integration
(in 8 Sample
Increments)
21
21
9
RMS Power
I
Q
33
32
16
Interval
(in 8 Sample
Increments)
INTRV_CNT(20:0)
INTGR_CNT(20:0)
SYNC_CNT(8:0)
16
32
Interrupt
NCO
SYNC
SYNC
SYNC
SYNC
SYNC
TX A input
(I channel)
TX B input
(Q channel)
TX A output
TX B output
DAC_DCLKIN
DAC_CLK
%1,2,4
DAC_CLK
AFE7222
AFE7225
SLOS711B – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
Figure 9-5. Power Meter Detailed Diagram
The power meter timing is shown below:
Figure 9-6. Power Meter Timing
9.8
TRANSMIT SIGNAL CHAIN
Figure 9-7. Transmit Signal Chain
9.9
TRANSMIT DAC
The transmit DAC is a current-steering architecture, capable of clock rates up to 250MSPS and output
currents up to 20mA. The DAC is structured as a current sink from the load. The DAC is powered from
AVDD3_DAC, a 3V analog supply. This provides for an output compliance range of AVDD3_DAC ± 0.5V.
To benefit from the full 1V swing available on each DAC output pin, a voltage divider load referenced to a
higher voltage supply, like 5V, is recommended. The current-steering architecture will sink current into the
+ and – DAC outputs. The sum of the current will always be equal to the full-scale current. The full scale
current is set with a resistor (RBIAS) to ground on the BIASJ pin, and will be equal to
74
APPLICATION INFORMATION
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AFE7222 AFE7225


Similar Part No. - AFE7222_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
More results

Similar Description - AFE7222_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
[Old version datasheet]   Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
   Integrated Mixed-Signal Front End
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com