Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-8-01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS-8-01
Description  PUSH SPACER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS-8-01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS-8-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
F
02/24/05
SK
COMPLETELY REDRAWN, SEE ECN #949
-
-
-
SEE ENGINEERING FOR REVISIONS A-E
H
11/29/06
SK
SEE ECN #1208 FOR CHANGES
G
07/17/06
SK
SEE ECN #1196 FOR CHANGES
.28 7.1
7/32 5.6
SOLIDWORKS
PUSH SPACER
CREATED USING
DESCRIPTION
A
C
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
TYPE
SHEET SIZE:
SHEET:
FILE #:
02/24/05
1 OF 1
ADZ
SK
SK
FINAL
DWG IN
IN [MM]
RICHCO, INC.
PS
ENG@RICHCO-INC.COM
RE:
ENGR.
DATE
RICHCO, INC.
TITLE:
ANG.=±1°
(773) 539-4060
PRINT
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
REV.
NOTES:
1.MATERIAL: "IMPACT MODIFIED" NYLON 6/6 (RMS-73)
AVAILABLE BY SPECIAL ORDER ONLY.
TO ORDER RELACE "-01" WITH "-73".
MATERIAL: " HEAT RESISTANT" NYLON 4/6 UL 94 V-2 (RMS-109)
AVAILABLE BY SPECIAL ORDER ONLY.
TO ORDER REPLACE "-01" WITH "-109"
2. COLOR: BLACK AVAILABLE BY SPECIAL ORDER ONLY.
TO ORDER ADD SUFFIX "BK" TO PART NO.
3. PART IS ALSO AVAILABLE IN A 1/8 (3.2) THICK CHASSIS BY
SPECIAL ORDER ONLY. TO ORDER USE P/N: PS-2-XX-XX
TO SNAP-LOCK IN A .187±.003
[4.75±0.08] DIA. HOLE, IN A
.031-.078 [0.79-1.98] PANEL THICKNESS
REF
7/32 [5.6]
2.8
.11
"A"
.56 14.3
REF
TYPICAL APPLICATION
M A TE RIA L: NY LO N 6/6
UL 94 V -2 (RM S -01)
CO LO R: NA TURA L
PART NO .
M A TE RIA L: NY LO N 6/6
UL 94 V -0 (RM S -19)
CO LO R: NA TURA L
PART NO .
DIM . "A "
±.015 [0.4]
P S -3-01
P S -3-19
3/16 [4.8]
PS-4-01
PS-4-19
1/4 [6.4]
PS-6-01
PS-6-19
3/8 [9.5]
P S -7-01
P S -7-19
7/16 [11.1]
P S -8-01
P S -8-19
1/2 [12.7]
P S -10-01
P S -10-19
5/8 [15.9]
P S -12-01
P S -12-19
3/4 [19.1]
P S -14-01
P S -14-19
7/8 [22.2]


Similar Part No. - PS-8-01

ManufacturerPart #DatasheetDescription
logo
Power Sonic Corporation
PS-832 POWER-SONIC-PS-832 Datasheet
488Kb / 2P
   Rechargeable Sealed Lead Acid Battery PS ??General Purpose Series
logo
Molex Electronics Ltd.
PS-84727-002 MOLEX-PS-84727-002 Datasheet
241Kb / 1P
   USB-A CORD ASSEMBLY PLUG & BAYONET RECEPTACLE
2019/03/26
logo
Lite-On Technology Corp...
PS-8501-2 LITEON-PS-8501-2 Datasheet
404Kb / 3P
   PC Power Supply ATX Series
PS-8651-2 LITEON-PS-8651-2 Datasheet
335Kb / 3P
   Industrial Computing ATX Series
PS-8651-2 LITEON-PS-8651-2 Datasheet
417Kb / 3P
   PC Power Supply ATX Series
More results

Similar Description - PS-8-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-PS250 ETC2-561-PS250 Datasheet
138Kb / 2P
   Nylon Push Spacer
PST-9-01 ETC2-PST-9-01 Datasheet
500Kb / 1P
   PUSH SPACER SUPPORT POSTS
logo
Molex Electronics Ltd.
0011172140 MOLEX1-0011172140 Datasheet
24Kb / 1P
   Punch Spacer
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
709656000 WURTH-709656000 Datasheet
104Kb / 1P
   SPACER SUPPORT
709670050 WURTH-709670050 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670070 WURTH-709670070 Datasheet
114Kb / 1P
   SPACER SUPPORT
709670110 WURTH-709670110 Datasheet
114Kb / 1P
   SPACER SUPPORT
logo
Richco, Inc.
LEDS2M-.120-01 RICHCO-LEDS2M-.120-01 Datasheet
63Kb / 1P
   LED SPACER
logo
Visual Communications C...
SPC040-E VCC-SPC040-E Datasheet
62Kb / 1P
   LENS SPACER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com