Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRDT18-7DC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRDT18-7DC
Description  Long sensing distance proximity sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRDT18-7DC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRDT18-7DC Datasheet HTML 1Page - List of Unclassifed Manufacturers PRDT18-7DC Datasheet HTML 2Page - List of Unclassifed Manufacturers PRDT18-7DC Datasheet HTML 3Page - List of Unclassifed Manufacturers PRDT18-7DC Datasheet HTML 4Page - List of Unclassifed Manufacturers PRDT18-7DC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H/32
B[ZT IRZ^VZT :V^_NZPR Jd\R
hI\RPVSVPN_V[Z^
g:9 0*bV]R _d\R
_|~.} ;HE RESPONSE FREQUENCY IS THE AVERAGE VALUEr ;HE STANDARD SENSING TARGET IS USED AND THE WIDTH IS SET AS v TIMES OF THE
STANDARD SENSING TARGETp usv OF THE SENSING DISTANCE FOR THE DISTANCEr
uvqvx<.-
mutqwt<.-n
5AXrutM+
wy [ }yk92
ytt2Z
t TO xr}MM
t TO }r|MM
89.~+PPROXruuyG
89.4 ~+PPROXruxyG
89.=~+PPROXr|tG
89.=4~+PPROXruutG
89.~+PPROXruutG
89.4~+PPROXruxtG
89.=~+PPROXr{yG
89.=4~+PPROXrutyG
t TO yrzMM
xtt2Z
wtt2Z
vtt2Z
5AXr ury<
89.~+PPROXr{xG
89.:~+PPROXr{vG
89.=~+PPROXrxxG
KcYZ`
PZbg^b\ Y^ghVbXZ
FmghZfZg^g
PhVbYVfY gZbg^b\
hVf\Zh
PZhh^b\ Y^ghVbXZ
NckZf gidd`m
+MdZfVh^b\ jc`hV\Z,
AiffZbh Xcbgiadh^cb
OZgdcbgZ
[fZeiZbXm|~.}
OZg^YiV` jc`hV\Z
?[[ZXh^cb Wm QZad0
Acbhfc` cihdih
Gbgi`Vh^cb fZg^ghVbXZ
B^Z`ZXhf^X ghfZb\h]
S^WfVh^cb
GbY^XVhcf
?aW^Zbh hZadZfVhifZ
PhcfV\Z hZadZfVhifZ
?aW^Zbh ]ia^Y^hm
NfchZXh^cb X^fXi^h
NfchZXh^cb
Rb^h kZ^\]h
P]cX_
5AXr utk OF SENSING DISTANCE
vy]vy]uMM
m3RONn
vt]vt]uMM
m3RONn
xt]xt]uMM
m3RONn
uv]uv]uMM
m3RONn
=ITHIN \utk MAXr OF SENSING DISTANCE AT ovt^ IN TEMPERATURE RANGE OF qvy TO o{t^
vttM+
5INryt5`mAT ytt<.- MEGAn
uytt<+- ytszt2Z FOR uMINUTE
uMM AMPLITUDE AT FREQUENCY OF ut [ yy2Z IN EACH OF >p ?p @ DIRECTIONS FOR v HOURS
yttMsScmyt1n >p ?p @ DIRECTIONS FOR w TIMES
7PERATING INDICATORm9ED 4/.n
qvy [ o{t^mNONqFREEZING CONDITIONn
qwt [ o|t^mNONqFREEZING CONDITIONn
38z{m3/- :TANDARDn
:URGEp 9EVERSE POSER POLARITYp 7VERCURRENT PROTECTION CIRCUIT
t TO vr|MM
FH:./*1:D
FH:./*1:F
FH:./*1:D/
FH:./*1:F/
FH:I./*1:D
FH:I./*1:F
FH:I./*1:D/
FH:M./*1:D
FH:M./*1:F
FH:M./*1:D/
FH:M./*1:F/
FH:./*5:D
FH:./*5:F
FH:./*5:D/
FH:./*5:F/
FH:I./*5:D
FH:I./*5:F
FH:I./*5:D/
FH:M./*5:D
FH:M./*5:F
FH:M./*5:D/
FH:M./*5:F/
FH:.5*4:D
FH:.5*4:F
FH:.5*4:D/
FH:.5*4:F/
FH:B.5*4:D
FH:B.5*4:F
FH:B.5*4:D/
FH:B.5*4:F/
FH:M.5*4:D
FH:M.5*4:F
FH:M.5*4:D/
FH:M.5*4:F/
FH:MB.5*4:D
FH:MB.5*4:F
FH:MB.5*4:D/
FH:MB.5*4:F/
FH:.5*.1:D
FH:.5*.1:F
FH:.5*.1:D/
FH:.5*.1:F/
FH:B.5*.1:D
FH:B.5*.1:F
FH:B.5*.1:D/
FH:B.5*.1:F/
FH:M.5*.1:D
FH:M.5*.1:F
FH:M.5*.1:D/
FH:M.5*.1:F/
FH:MB.5*.1:D
FH:MB.5*.1:F
FH:MB.5*.1:D/
FH:MB.5*.1:F/
xMM \utk
|MM \utk
{MM \utk
uxMM \utk
89.~+PPROXr{vG
89.:~+PPROXr{tG
89.=~+PPROXrxvG
?ddfcjV`
h:VYRZ^V[Z^
+Rb^h<aa,
gNOB34/6Br
gNOB34/:Br
|A}
FU[_[
RXRP_]VP
^RZ^[]
|>}
IRZ^[]
P[Z_][XXR]
|C}
H[_N]d
RZP[QR]
|=}
:V^\XNd
`ZV_
|<}
JNPU[,
I\RRQ,
F`X^R
YR_R]
|;}
FNZRX
YR_R]
|B}
F]R^^`]R
^RZ^[]
|:}
F[bR]
P[Z_][XXR]
|?}
IbV_PUVZT
\[bR]
^`\\Xd
|9}
JRY\+
P[Z_][XXR]
|D}
I_R\\VZT
Y[_[] {
:]VaR] {
9[Z_][XXR]
|F}
<VRXQ
ZR_b[]W
QRaVPR
|E}
=]N\UVP
\NZRX
|7}
9[`Z_R]
|8}
JVYR]
|G}
F][Q`P_V[Z
^_[\\NTR
Y[QRX^ {
]R\XNPRYRZ_
|@}
F][cVYV_d
^RZ^[]
5307
MdZfVh^cb ^bY^XVhcf
u6
K34U3
5507
730:
4222
u43
39
6
4607
4807
660:
4222
u43
39
6
MdZfVh^cb ^bY^XVhcf
u6
K34U3


Similar Part No. - PRDT18-7DC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-120 MACOM-PRD-11AG0-120 Datasheet
824Kb / 4P
   PRD Series Power Relay
PRD-11AG0-24 MACOM-PRD-11AG0-24 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results

Similar Description - PRDT18-7DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
Texas Instruments
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
[Old version datasheet]   ToF based Long Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
[Old version datasheet]   ToF-Based Long-Range Proximity and Distance Sensor AFE
logo
Omron Electronics LLC
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
   Compact Sensor Offers Long Sensing Distance and Superior Noise-Immunity
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
   Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com