Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRD-3AY0-120 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PRD-3AY0-120
Description  PRD Series Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PRD-3AY0-120 Datasheet(HTML) 3 Page - Tyco Electronics

  PRD-3AY0-120 Datasheet HTML 1Page - Tyco Electronics PRD-3AY0-120 Datasheet HTML 2Page - Tyco Electronics PRD-3AY0-120 Datasheet HTML 3Page - Tyco Electronics PRD-3AY0-120 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Relays
Industrial Relays
PRD Series Power Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Product code structure
Typical product code
PRD
-7
A
Y
0
-120
Type
PRD Open relay
PRDA Open relay with aux. 1 form C (CO) snap-action switch
Main contact arrangement
1
1 form A (1 NO)
3
1 form X (1 NO-DM)
5
1 form C (1 CO)
7
2 form A (2 NO)
7V 2 form A (2 NO) with 3mm contact gap 1)
11 2 form C (2 CO)
1) Code 7V is only available as a UL Recognized model, not UL Listed
Coil input
A AC, 50/60Hz
D DC
Main contact material and type
Y .312” (7.92mm) dia. Ag [25A max. rating]
G .312” (7.92mm) dia. AgCdO [30A max. rating]
F
.312” (7.92mm) dia. AgCdO [50A max. rating] 2)
H Ag with magnetic blowout [20A DC max. rating] 3)
J
AgCdO with magnetic blowout [20A DC max. rating]
N W stationary & AgCdO movable [25A max. rating] 4)
P Ag [50A max. rating] 5)
R Ag with magnetic blow out [50A max. rating] 5)
2) Available with Main contact arrangement code (step 2 above) 1, 5, 7 or 11 only, and Termination code (step 5 below) 0 or A only.
3) Available with Main contact arrangement code (step 2 above) 3, 7 or 11 only
4) Available with Main contact arrangement code (step 2 above) 1, 5, 7 or 11 only.
5) Available with Main contact arrangement code (step 2 above) 3 only, and Termination code (step 5 below) 4 only.
Termination
PRD types only
0
#8-32 screw term. for main contacts, #6-32 screw term. for coil.
1
.250” (6.35mm) QC for main contacts and coil
3
#8-32 screw term. for main contacts, .250” (6.35mm) QC for coil.
4
Box lug term. which accept #6 - #14 wire for main contacts, #6-32 screw term. for coil. 6)
6) Available with Main contact arrangement code (step 2 above) 3 only, and Main contact material code (step 4 above) P or R only.
PRDA (with aux. switch) types only
A #8-32 screw term. for main contacts, #6-32 screw term. for coil, screw term. for aux. switch
B .250” (6.35mm) QC for main contacts, coil and aux. switch
L
Twin .250” (6.35mm) QC for main contacts, .250” (6.35mm) QC for coil and aux. switch
Coil voltage
Coil code: please refer to coil versions table
Terminal assignment for models with magnetic blowout
PRD3 with blowout
PRD7 with blowout
PRD 11 with blowout
-
+
-
-
-
+
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
POLARITY
MARKING
POLARITY
MARKING
POLARITY
MARKING


Similar Part No. - PRD-3AY0-120

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
   Magnetic blowouts available for switching DC loads
logo
DIWELL Electronics Co.,...
PRD DIWELL-PRD Datasheet
61Kb / 5P
   1W REGULATED
2015/11/30
logo
List of Unclassifed Man...
PRD10 ETC2-PRD10 Datasheet
71Kb / 1P
   10 PATCHRUNNER DOOR CUSTOMER DRAWING
logo
PANDUIT CORP.
PRD10 PANDUIT-PRD10 Datasheet
71Kb / 1P
   10 PATCHRUNNER DOOR CUSTOMER DRAWING
logo
CUI INC
PRD15 CUI-PRD15 Datasheet
840Kb / 14P
   DC-DC CONVERTER
More results

Similar Description - PRD-3AY0-120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393130-8 MACOM-2-1393130-8 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393130-9 MACOM-2-1393130-9 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-3 MACOM-2-1393127-3 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393128-0 MACOM-2-1393128-0 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393130-7 MACOM-2-1393130-7 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-6 MACOM-2-1393127-6 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-1 MACOM-2-1393127-1 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-2 MACOM-2-1393127-2 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-0 MACOM-2-1393127-0 Datasheet
824Kb / 4P
   PRD Series Power Relay
2-1393127-5 MACOM-2-1393127-5 Datasheet
824Kb / 4P
   PRD Series Power Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com