Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM8803TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 5Page - STMicroelectronics PM8803TR Datasheet HTML 6Page - STMicroelectronics PM8803TR Datasheet HTML 7Page - STMicroelectronics PM8803TR Datasheet HTML 8Page - STMicroelectronics PM8803TR Datasheet HTML 9Page - STMicroelectronics PM8803TR Datasheet HTML 10Page - STMicroelectronics PM8803TR Datasheet HTML 11Page - STMicroelectronics PM8803TR Datasheet HTML 12Page - STMicroelectronics PM8803TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
PM8803
Pin descriptions and connection diagrams
Doc ID 018559 Rev 2
9/34
2
Pin descriptions and connection diagrams
Figure 5.
Pin connections (top view)
Table 2.
Pin descriptions
Pin#
Name
Function
1CTL
Input of the Pulse Width Modulator.
CTL pull-up to VB is provided by an external resistor which may be used to
bias an opto-coupler transistor.
2VB
5 V, up to 10 mA Bias Rail.
This reference voltage can be used to bias an opto-coupler transistor.
3CS
Current sense input for current mode control and overcurrent protection.
Current sensing is accomplished using a dedicated current sense
comparator. If the CS pin voltage exceeds 0.5 V, the GAT1 pin switches low
for cycle-by-cycle current limiting. CS is internally held low for 60 ns after
GAT1 switches high to blank leading edge current spikes.
4RTN1
Power ground for the GAT1 driver.
This pin must be connected to RTN2 and ARTN.
5GAT1
Main gate driver output of the PWM controller.
DC-DC converter gate driver output with 1 A peak sink-source current
capability. (5 ohm typ MOSFETs).
6VC
Output of the internal high-voltage regulator.
When the auxiliary transformer winding (if used) raises the voltage on this
pin above the 8 V typ. regulation set point, the internal regulator will
shutdown, reducing the internal power dissipation. Filter this pin with a 1µF
typ. connected to ground.
7GAT2
Secondary gate driver output.
AUX gate driver output for active clamp or synchronous rectification
designs. 1 A peak sink-source current capability (5 ohm typ. MOSFETs).
8ARTN
Analog PWM supply ground.
RTN for sensitive analog circuitry including the SMPS current limit amplifier.
1
2
3
4
SA
DCCL
FRS
T2P
RTN1
CS
VB
CTL
11
12
DET
SP
CLS
DT
ARTN
GAT2
VC
GAT1
5
6
7
8
13
14
15
16
VSS
RTN2
9
10
VDD
VDD
17
18
19
20
AM045095v1


Similar Part No. - PM8803TR

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
   PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
   Panametrics portable hygrometer
12/2020
logo
STMicroelectronics
PM8800 STMICROELECTRONICS-PM8800 Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
216Kb / 10P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PM8800A STMICROELECTRONICS-PM8800A Datasheet
556Kb / 35P
   Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
More results

Similar Description - PM8803TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
   IEEE 802.3at compliant PD interface
April 2015 Rev 1
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com