Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CH-947M50-L2EM-R Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # FAR-F5CH-947M50-L2EM-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CH-947M50-L2EM-R Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button FAR-F5CH-947M50-L2EM-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 13Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 14Page - Fujitsu Component Limited. FAR-F5CH-947M50-L2EM-R Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
F5CH Series (L2 type)
18. PDC800 (Rx) High Attenuation Type
Part number: FAR-F5CH-820M00-L2FV
(Ta = –30 to +85
°C)
19. Dual Band PDC800 (Tx) BW; 33 MHz
Part number: FAR-F5CH-940M50-L2MD
(Ta = –30 to +85
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
810 to 830 MHz
—3.0
3.5
dB
Inband ripple
810 to 830 MHz
—1.5
2.0
dB
Absolute attenuation
DC to 130 MHz
35
40
dB
130 to 760 MHz
30
33
dB
855 to 875 MHz
25
35
dB
875 to 920 MHz
40
42
dB
920 to 1090 MHz
35
40
dB
1090 to 2000 MHz
25
30
dB
Inband VSWR
810 to 830 MHz
—2.0
2.5
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
925 to 958 MHz
—2.7
3.5
dB
Inband ripple
925 to 958 MHz
—1.2
2.0
dB
Absolute attenuation
DC to 775 MHz
23
26
dB
775 to 885 MHz
30
33
dB
1000 to 1033 MHz
30
38
dB
1075 to 1108 MHz
35
40
dB
1150 to 1183 MHz
35
42
dB
1225 to 1258 MHz
32
35
dB
1258 to 2000 MHz
20
25
dB
Inband VSWR
925 to 958 MHz
—2.1
2.5


Similar Part No. - FAR-F5CH-947M50-L2EM-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CH-947M50-L2EM-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com