Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F5CP-947M50-D206-U Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FAR-F5CP-947M50-D206-U
Description  Piezoelectric SAW BPF (700 to 1700MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CP-947M50-D206-U Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FAR-F5CP-947M50-D206-U Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CP-947M50-D206-U Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
F5CP/F6CP Series
6
3.
SYSTEM : AMPS-Tx
PART NUMBER : FAR-F5CP-836M50-D203
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
824 to 849 MHz
3.0
3.5
dB
In-band ripple
824 to 849 MHz
1.1
1.6
dB
Absolute
attenuation
DC to 800 MHz
45
50
dB
869 to 1049 MHz
29
35
dB
1049 to 2000 MHz
45
50
dB
In-band VSWR
(Return loss)
824 to 849 MHz
(8.5)
1.9
(10.2)
2.2
(
)
(dB)
2
1
S11
1U FS
1 : 38.709
0.1641
S21
log MAG
10 dB/
REF 0 dB
CENTER 835 MHz
SPAN 300 MHz
CENTER 835 MHz
SPAN 300 MHz
1 :
−2.8742 dB
824 MHz
S22
1U FS
1 : 38.223
1.1992
231.63 pH
824 MHz
2 : 70.09
−9.5508 Ω
849 MHz
3 : 2.4951
−30.189 Ω
800 MHz
4 : 13.344
−140.89 Ω
869 MHz
S11
SWR
1 /
REF 1
CENTER 835 MHz
SPAN 300 MHz
CENTER 835 MHz
SPAN 300 MHz
1 : 1.2937
824 MHz
3
4
3
3
4
4
3
4
1
2
31.689 pH
824 MHz
2 : 70.559
−11.789 Ω
849 MHz
3 : 2.6631
−30.007 Ω
800 MHz
4 : 13.117
−138.59 Ω
869 MHz
1
2
1
2
2 :
−2.7828 dB
849 MHz
3 :
−51.439 dB
800 MHz
4 :
−34.045 dB
869 MHz
2 : 1.4867
849 MHz
3 : 25.566
800 MHz
4 : 33.367
869 MHz


Similar Part No. - FAR-F5CP-947M50-D206-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CP-947M50-D206-U

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com